Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPSA13 Datasheet(PDF) 1 Page - Guilin Strong Micro-Electronics Co., Ltd.

Part # MPSA13
Description  NPN Darlington Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSME [Guilin Strong Micro-Electronics Co., Ltd.]
Direct Link  http://www.gsme.com.cn
Logo GSME - Guilin Strong Micro-Electronics Co., Ltd.

MPSA13 Datasheet(HTML) 1 Page - Guilin Strong Micro-Electronics Co., Ltd.

  MPSA13 Datasheet HTML 1Page - Guilin Strong Micro-Electronics Co., Ltd. MPSA13 Datasheet HTML 2Page - Guilin Strong Micro-Electronics Co., Ltd. MPSA13 Datasheet HTML 3Page - Guilin Strong Micro-Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
桂 林 斯 壯 微 電 子 有 限 責 任 公 司
Guilin Strong Micro-Electronics Co.,Ltd.
MPSA13
1. EMITTER
2. BASE
3. COLLECTOR
■
FEATURES 特點
NPN Darlington Transistor
■
MAXIMUM RATINGS 最大額定值(Ta=25℃)
Characteristic
特性參數
Symbol
符號
Rating
額定值
Unit
單位
Collector-Base voltage
集電極
-基極電壓
VCBO
30
Vdc
-Collector-Emitter Voltage
集電極
-發射極電壓
VCEO
30
Vdc
Emitter-Base voltage
發射極
-基極電壓
VEBO
10
Vdc
Collector Current-Continuous
集電極電流
-連續
Ic
500
mAdc
Collector Power Dissipation
集電極耗散功率
PC
625
mW
Thermal Resistance Junction to Ambient
熱阻
R
ΘJA
200
℃
/W
Junction Temperature
結溫
Tj
150
℃
Storage Temperature Range
儲存溫度
Tstg
-55〜150
℃


Similar Part No. - MPSA13

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPSA13 MOTOROLA-MPSA13 Datasheet
225Kb / 6P
Darlington Transistors
logo
ON Semiconductor
MPSA13 ONSEMI-MPSA13 Datasheet
72Kb / 6P
Darlington Transistors NPN Silicon
June, 2005 ??Rev. 3
logo
Transys Electronics
MPSA13 TRSYS-MPSA13 Datasheet
124Kb / 1P
NPN DARLINGTON TRANSISTOR
logo
Fairchild Semiconductor
MPSA13 FAIRCHILD-MPSA13 Datasheet
605Kb / 13P
NPN Darlington Transistor
logo
KEC(Korea Electronics)
MPSA13 KEC-MPSA13 Datasheet
62Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE DARLINGTON TRANSISTOR)
More results

Similar Description - MPSA13

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
MPSA13 TRSYS-MPSA13 Datasheet
124Kb / 1P
NPN DARLINGTON TRANSISTOR
logo
Samsung semiconductor
MMBT6427 SAMSUNG-MMBT6427 Datasheet
67Kb / 2P
NPN (DARLINGTON TRANSISTOR)
logo
Fairchild Semiconductor
2N5306 FAIRCHILD-2N5306 Datasheet
23Kb / 2P
NPN Darlington Transistor
MPSA13 FAIRCHILD-MPSA13 Datasheet
605Kb / 13P
NPN Darlington Transistor
logo
Rohm
2SD2399 ROHM-2SD2399 Datasheet
370Kb / 5P
Transistor,NPN,Darlington
logo
Fairchild Semiconductor
2N7052 FAIRCHILD-2N7052_01 Datasheet
310Kb / 8P
NPN Darlington Transistor
MPSA14 FAIRCHILD-MPSA14_01 Datasheet
651Kb / 14P
NPN Darlington Transistor
logo
Solid States Devices, I...
SFT10000-3 SSDI-SFT10000-3_1 Datasheet
143Kb / 2P
NPN DARLINGTON TRANSISTOR
logo
New Jersey Semi-Conduct...
2N997 NJSEMI-2N997 Datasheet
91Kb / 1P
NPN DARLINGTON TRANSISTOR
2N6578 NJSEMI-2N6578 Datasheet
94Kb / 1P
NPN DARLINGTON TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com