Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT74FCT573CSO Datasheet(PDF) 6 Page - Integrated Device Technology

Part # IDT74FCT573CSO
Description  FAST CMOS OCTAL TRANSPARENT LATCHES
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74FCT573CSO Datasheet(HTML) 6 Page - Integrated Device Technology

  IDT74FCT573CSO Datasheet HTML 1Page - Integrated Device Technology IDT74FCT573CSO Datasheet HTML 2Page - Integrated Device Technology IDT74FCT573CSO Datasheet HTML 3Page - Integrated Device Technology IDT74FCT573CSO Datasheet HTML 4Page - Integrated Device Technology IDT74FCT573CSO Datasheet HTML 5Page - Integrated Device Technology IDT74FCT573CSO Datasheet HTML 6Page - Integrated Device Technology IDT74FCT573CSO Datasheet HTML 7Page - Integrated Device Technology IDT74FCT573CSO Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
7.12
6
IDT54/74FCT373/533/573/A/C
FAST CMOS OCTAL TRANSPARENT LATCHES
MILITARY AND COMMERCIAL TEMPERATURE RANGES
SWITCHING CHARACTERISTICS OVER OPERATING RANGE FOR FCT533/A/C
NOTES:
2602 tbl 09
1. See test circuit and waveforms.
2. Minimum limits are guaranteed but not tested on Propagation Delays.
FCT373/573
FCT373A/573A
FCT373C/573C
Com'l.(2)
Mil.(2)
Com'l.(2)
Mil.(2)
Com'l. (2)
Mil.(2)
Symbol
Parameter
Conditions(1)
Min. Max. Min. Max. Min. Max. Min. Max. Min. Max.
Min. Max. Unit
tPLH
tPHL
Propagation Delay
DN to ON
CL = 50pF
RL = 500
Ω
1.5
8.0
1.5
8.5
1.5
5.2
1.5
5.6
1.5
4.2
1.5
5.1
ns
tPLH
tPHL
Propagation Delay
LE to ON
2.0
13.0
2.0
15.0
2.0
8.5
2.0
9.8
2.0
5.5
2.0
8.0
ns
tPZH
tPZL
Output Enable Time
1.5
12.0
1.5
13.5
1.5
6.5
1.5
7.5
1.5
5.5
1.5
6.3
ns
tPHZ
tPLZ
Output Disable Time
1.5
7.5
1.5
10.0
1.5
5.5
1.5
6.5
1.5
5.0
1.5
5.9
ns
tSU
Set-up Time HIGH
or LOW, DN to LE
2.0
—
2.0
—
2.0
—
2.0
—
2.0
—
2.0
—
ns
tH
Hold Time HIGH
or LOW, DN to LE
1.5
—
1.5
—
1.5
—
1.5
—
1.5
—
1.5
—
ns
tW
LE Pulse Width HIGH
6.0
—
6.0
—
5.0
—
6.0
—
5.0
—
6.0
—
ns
2602 tbl 08
SWITCHING CHARACTERISTICS OVER OPERATING RANGE FOR FCT373/A/C/FCT573/A/C
FCT533
FCT533A
FCT533C
Com'l.(2)
Mil.(2)
Com'l.(2)
Mil.(2)
Com'l.(2)
Mil.(2)
Symbol
Parameter
Conditions(1)
Min. Max. Min. Max. Min. Max. Min. Max. Min. Max.
Min. Max. Unit
tPLH
tPHL
Propagation Delay
DN to
ON
CL = 50pF
RL = 500
Ω
1.5
10.0
1.5
12.0
1.5
5.2
1.5
5.6
1.5
4.7
1.5
5.1
ns
tPLH
tPHL
Propagation Delay
LE to
ON
2.0
13.0
2.0
14.0
2.0
8.5
2.0
9.8
2.0
6.9
2.0
8.0
ns
tPZH
tPZL
Output Enable Time
1.5
11.0
1.5
12.5
1.5
6.5
1.5
7.5
1.5
5.5
1.5
6.3
ns
tPHZ
tPLZ
Output Disable Time
1.5
7.0
1.5
8.5
1.5
5.5
1.5
6.5
1.5
5.0
1.5
5.9
ns
tSU
Set-up Time HIGH
or LOW, DN to LE
2.0
—
2.0
—
2.0
—
2.0
—
2.0
—
2.0
—
ns
tH
Hold Time HIGH
or LOW, DN to LE
1.5
—
1.5
—
1.5
—
1.5
—
1.5
—
1.5
—
ns
tW
LE Pulse Width HIGH
6.0
—
6.0
—
5.0
—
6.0
—
5.0
—
6.0
—
ns



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com