Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

16C552 Datasheet(PDF) 2 Page - IMP, Inc

Part # 16C552
Description  Dual FIFO UART and Parallel Port
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IMP [IMP, Inc]
Direct Link  http://www.ds-imp.com.cn/index.asp
Logo IMP - IMP, Inc

16C552 Datasheet(HTML) 2 Page - IMP, Inc

  16C552 Datasheet HTML 1Page - IMP, Inc 16C552 Datasheet HTML 2Page - IMP, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
6
Ei16C552
NOTES ON PIN DESCRIPTION:
1) Pin 4 and Pin 2 can be used by external crystal oscillator in future versions
2) Pin 23 and Pin 43 can be used as OUT20• and OUT21• respectively in future versions
ORDERING INFORMATION
Ei16C552-CJ68
68 Pin PLCC package
LIFE SUPPORT POLICY: Epic products are not to be used in life support devices without prior written
authorization.
Epic Semiconductor Inc. retains the right to make changes these specifications at any time, without notice.
Tri-state® is a Registered Trademark of National Semiconductor,Inc.
IBM PC AT™ and PS2 are Trademark s of International Business Machines.
BLOCK DIAGRAM
CTS0•
DSDR0•
RLSD0•
R10•
SIN0
CS0•
DB0-DB7
CTS1•
DSR1•
RLSD1•
RI1•
SIN1
CS1•
A0-A2
IOW•
IOR•
RESET•
CLK
ERR•
SLCT
BUSY
PE
ACK•
LPTOE•
CS2•
UART
#1
UART
#2
PARALLEL
PORT
SELECT
AND
CONTROL
LOGIC
8
8
8
RTS0•
DTR0•
SOUT0
INT0
TXRDY0•
RXRDY0*
RTS1•
DTR1•
SOUT1
INT1
TXRDY1•
RXRDY1•
BDO
PD0-PD7
INIT•
AFD•
STB•
SLIN•
INT2
8
•
3
For additional information, contact IMP, Inc. at 408.432.9100 or visit www.impweb.com
IMP, Inc. acquired Epic products on January 26, 2001. (see press release at http://www.impweb.com/PRESS/PR012601.htm)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com