Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMP1232LPS Datasheet(PDF) 1 Page - IMP, Inc

Part # IMP1232LPS
Description  5V 關P Power Suppl er Supply Monit y Monitor and or and Reset Cir eset Circuit
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IMP [IMP, Inc]
Direct Link  http://www.ds-imp.com.cn/index.asp
Logo IMP - IMP, Inc

IMP1232LPS Datasheet(HTML) 1 Page - IMP, Inc

  IMP1232LPS Datasheet HTML 1Page - IMP, Inc IMP1232LPS Datasheet HTML 2Page - IMP, Inc IMP1232LPS Datasheet HTML 3Page - IMP, Inc IMP1232LPS Datasheet HTML 4Page - IMP, Inc IMP1232LPS Datasheet HTML 5Page - IMP, Inc IMP1232LPS Datasheet HTML 6Page - IMP, Inc IMP1232LPS Datasheet HTML 7Page - IMP, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
©
1999 IMP, Inc.
408-432-9100/www.impweb.com
1
Key Features
x
Pin compatible with the Dallas Semiconductor
DS1232LP/1232LPS
— 40% lower supply current
x
5V supply monitor
x
Selectable watchdog period
x
Debounce manual push-button reset input
x
Precision temperature-compensated voltage
reference and comparator
x
Power-up, power-down and brownout detection
x
250ms reset time
x
Active LOW open-drain reset and active HIGH
push-pull output
x
Selectable trip point tolerance: 5% or 10%
x
Low-cost, surface mount packages: 8/16-pin
SO, 8-pin DIP and 8-pin MicroSO
x
Wide operating temperature –40
°C to +85°C
(N/EPA suffixed devices)
Block Diagram
RESET
PBRST
1 (2)
1232_03.eps
40k
Ω
TOL
IMP1232LP/LPS
(16-Pin Package)
3 (6)
VCC
–
+
5%/10% Tolerance
Selection
Reference
VCC
8 (15)
RESET
5 (9)
TD
Push Button
Debounce
2 (4)
Watchdog
Timebase Selection
GND
4 (8)
Reset &
Watchdog Timer
6 (11)
ST
7 (13)
Watchdog
Transition Detector
IMP1
IMP1232LP/LPS
232LP/LPS
POWER MANAGEMENT
5V
5V µ
µP P
P Po
ow
wer Suppl
er Supply Monit
y Monitor and
or and
R
Reset Cir
eset Circuit
cuit
– Select
– Selectable T
able Trriip
p-P
-Point T
oint Toler
olerance
ance
and W
and Watc
atchdog P
hdog Per
eriod
iod
– Push-Butt
– Push-Button R
on Reset
eset
The IMP1232LP/LPS microprocessor supervisor can halt and restart a
“hung-up” or “stalled” microprocessor, restart a microprocessor after a
power failure, and debounce and interface a manual push-button micro-
processor reset switch. The low-power supervisors feature 40% lower
supply current than the pin compatible Dallas Semiconductor
DS1232LP/LPS.
Precision temperature compensated reference and comparator circuits
monitor the 5V, VCC input voltage. During power-up or when the VCC
power supply falls outside selectable tolerance limits, both the RESET
and RESET become active. When VCC rises above the threshold voltage,
the reset signals remain active for an additional 250ms minimum,
allowing the power supply and system microprocessor to stabilize. The
trip point tolerance signal, TOL, selects the trip level tolerance to be
either 5- or 10-percent.
Each device has both a push-pull, active HIGH reset output and an open
drain, active LOW reset output.
A debounced manual reset input activates the reset outputs for a mini-
mum period of 250ms.
Also included is a watchdog timer to stop and restart a microprocessor
that is “hung-up”. Three watchdog time-out periods are selectable:
150ms, 610ms and 1,200ms. If the ST input is not strobed
LOW before the time-out period expires, a reset is issued.
Devices are available in 8-pin DIP, 8/16-pin SO and com-
pact 8-pin MicroSO packages.


Similar Part No. - IMP1232LPS

ManufacturerPart #DatasheetDescription
logo
A1 PROs co., Ltd.
IMP1232LPS A1PROS-IMP1232LPS Datasheet
1Mb / 7P
5V μP Power Supplly Moniittor and Ressett Ciircuiitt
06/15/99
IMP1232LPS-2 A1PROS-IMP1232LPS-2 Datasheet
1Mb / 7P
5V μP Power Supplly Moniittor and Ressett Ciircuiitt
06/15/99
IMP1232LPSN A1PROS-IMP1232LPSN Datasheet
1Mb / 7P
5V μP Power Supplly Moniittor and Ressett Ciircuiitt
06/15/99
IMP1232LPSN-2 A1PROS-IMP1232LPSN-2 Datasheet
1Mb / 7P
5V μP Power Supplly Moniittor and Ressett Ciircuiitt
06/15/99
More results

Similar Description - IMP1232LPS

ManufacturerPart #DatasheetDescription
logo
IMP, Inc
IIMP1832 IMP-IIMP1832 Datasheet
109Kb / 7P
3.3V 關P Power Suppl Monitor and Reset Circuit
logo
Maxim Integrated Produc...
MAX7705 MAXIM-MAX7705 Datasheet
69Kb / 8P
關P Power-Supply Monitor with Reset
Rev 0; 6/93
logo
Alliance Semiconductor ...
ASM1832 ALSC-ASM1832 Datasheet
259Kb / 9P
3.3V UP Power Supply Monitor and Reset Circuit
ASM1232LP ALSC-ASM1232LP Datasheet
276Kb / 10P
5V uP Power Supply Monitor and Reset Circuit
logo
Catalyst Semiconductor
CAT1232LP CATALYST-CAT1232LP Datasheet
117Kb / 9P
5V and 3.3V Supply Voltage Monitor and Reset Circuit
logo
PulseCore Semiconductor
ASM1232LP PULSECORE-ASM1232LP Datasheet
285Kb / 10P
5V 關P Power Supply Monitor and Reset Circuit
ASM1832 PULSECORE-ASM1832 Datasheet
202Kb / 9P
3.3V 關P Power Supply Monitor and Reset Circuit
ASM1834 PULSECORE-ASM1834 Datasheet
265Kb / 10P
Dual 5V and 3.3V 關P Power Supply Supervisor with Manual Reset
logo
ON Semiconductor
ASM1832 ONSEMI-ASM1832 Datasheet
163Kb / 9P
Power Supply Monitor and Reset Circuit
August, 2011 ??Rev. 3
ASM1232LP ONSEMI-ASM1232LP Datasheet
173Kb / 12P
5 V P Power Supply Monitor and Reset Circuit
August, 2011 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com