Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT7130LA55JB Datasheet(PDF) 14 Page - Integrated Device Technology

Part # IDT7130LA55JB
Description  HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7130LA55JB Datasheet(HTML) 14 Page - Integrated Device Technology

Back Button IDT7130LA55JB Datasheet HTML 6Page - Integrated Device Technology IDT7130LA55JB Datasheet HTML 7Page - Integrated Device Technology IDT7130LA55JB Datasheet HTML 8Page - Integrated Device Technology IDT7130LA55JB Datasheet HTML 9Page - Integrated Device Technology IDT7130LA55JB Datasheet HTML 10Page - Integrated Device Technology IDT7130LA55JB Datasheet HTML 11Page - Integrated Device Technology IDT7130LA55JB Datasheet HTML 12Page - Integrated Device Technology IDT7130LA55JB Datasheet HTML 13Page - Integrated Device Technology IDT7130LA55JB Datasheet HTML 14Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
IDT7130SA/LA AND IDT7140SA/LA
HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM WITH INTERRUPTS
MILITARY AND COMMERCIAL TEMPERATURE RANGES
6.01
14
ORDERING INFORMATION
48-pin Plastic DIP (P48-1)
48-pin Sidebraze DIP (C48-2)
52-pin PLCC (J52-1)
48-pin LCC (L48-1)
48-pin Ceramic Flatpack (F48-1)
64-pin TQFP (PN64-1)
64-pin STQFP (PP64-1)
XXXX
IDT
Device Type
A
999
A
A
Power
Speed
Package
Process/
Temperature
Range
7130
7140
Speed in nanoseconds
8K (1K x 8-Bit) MASTER Dual-Port RAM
8K (1K x 8-Bit) SLAVE Dual-Port RAM
Commercial PLCC and TQFP Only
LCC, PLCC, and TQFP Only
2689 drw 19
Blank
B
Commercial (0
°C to +70°C)
Military (–55
°C to +125°C)
Compliant to MIL-STD-883, Class B
P
C
J
L48
F
PF
TF
20
25
35
55
100
LA
SA
Low Power
Standard Power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com