Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMP522 Datasheet(PDF) 2 Page - IMP, Inc

Part # IMP522
Description  Dual EL Lamp Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IMP [IMP, Inc]
Direct Link  http://www.ds-imp.com.cn/index.asp
Logo IMP - IMP, Inc

IMP522 Datasheet(HTML) 2 Page - IMP, Inc

  IMP522 Datasheet HTML 1Page - IMP, Inc IMP522 Datasheet HTML 2Page - IMP, Inc IMP522 Datasheet HTML 3Page - IMP, Inc IMP522 Datasheet HTML 4Page - IMP, Inc IMP522 Datasheet HTML 5Page - IMP, Inc IMP522 Datasheet HTML 6Page - IMP, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
IMP522
IMP522
2
408-432-9100/www.impweb.com
© 2001 IMP, Inc.
Parameter
Symbol
Conditions
Min
Typ
Max
Units
ON-resistance of MOS Switch
RDS(ON)
I = 100mA
4.0
8.0
Output Voltage Regulation
VCS
VDD = 2.0 to 6.5V,
110
120
V
T = –40°C to 85°C
Output Voltage Peak-to-Peak (in regulation)
VA-VAB, VB-VAB
In Regulation
220
V
Input Current at VDD Pin
IDD
LMPSEL = GND
650
µA
Powerdown Input Current
IDDQ
VRSW–OSC < 100mA
2
µA
VDD = 2.0 to 6.5
T = –40°C to 85°C
Input Crrent Plus Inductor Current
IIN
See Figure 1
30
mA
LMPSEL = GND or VDD
LMPSEL = floating
43
mA
Output Drive Frequency
fEL
See Figure 1
250
Hz
Switching Frequency
fSW
See Figure 1
61
kHz
Switching Duty Cycle
DSW
See Figure 1
88
%
LMPSEL Low-Level Threshold
VIL
0.3 VDD
V
LMPSEL High-Level Threshold
VIH
0.7 VDD
V
LMPSEL Input Resistance
RLMPSEL
50
k
LMPSEL Sink/Source Resistance
ILMPSEL
Floating/Hign Impedance State
± 5µA
LMPSEL Hysteresis
Vhys
50
mV
4
LX
3
CS
2
RSW-OSC
1
VDD
7
LMPSEL
5
VB
6
GND
8
VAB
9
VA
10 REL-OSC
522_02.eps
IMP522
MicroSO
Part Number
Input Voltage
Temperature Range
Pins-Package
IMP522EMB
2.0V to 6.5V
– 40°C to +85°C
10-MicroSO
VDD, RSW-OSC and REL-OSC . . . . . . . . . . . . . . . . . –0.5V to +7.0V
CS, LX . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.5V to +120V
Operating Temperature Range . . . . . . . . . . . . –40°C to +85°C
Storage Temperature Range . . . . . . . . . . . . . . –65°C to +150°C
Power Dissipation (MicroSO) . . . . . . . . . . . . . 500mW
VA, VB, VAB . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.5V to VCS (pin 3)
Unless otherwise noted, VDD = 3.0V, RSW = 910k
Ω, REL = 2.7MΩ, L = 220µH and TA = 25°C.
Note: All voltages are referenced to GND.
These are stress ratings only and functional operation is not
implied. Exposure to absolute maximum ratings for prolonged
time periods may affect device reliability.
Add /T to ordering part number for Tape and Reel.
Ordering Information
Pin Configuration
Absolute Maximum Ratings
Electrical Characteristics



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com