Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMP528D Datasheet(PDF) 3 Page - IMP, Inc

Part # IMP528D
Description  HIGH-VOLTAGE EL LAMP DRIVER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IMP [IMP, Inc]
Direct Link  http://www.ds-imp.com.cn/index.asp
Logo IMP - IMP, Inc

IMP528D Datasheet(HTML) 3 Page - IMP, Inc

  IMP528D Datasheet HTML 1Page - IMP, Inc IMP528D Datasheet HTML 2Page - IMP, Inc IMP528D Datasheet HTML 3Page - IMP, Inc IMP528D Datasheet HTML 4Page - IMP, Inc IMP528D Datasheet HTML 5Page - IMP, Inc IMP528D Datasheet HTML 6Page - IMP, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
IMP528
IMP528
© 2001 IMP, Inc.
Electroluminescent Lamp Driver
3
Pin Descriptions
External Components
Pin Number
Name
Function
1VDD
Positive voltage supply for the IMP528. Inductor L may be connected here or to a
separate unregulated supply.
2RSW-OSC
Switch-mode resistor pin. Switching frequency is determined by an external resistor, RSW.
3CS
Boost converter storage capacitor. The voltage across the EL lamp is equal to twice the
voltage at CS.
4LX
Connection to flyback inductance, L.
5
GND
Ground pin.
6VB
EL lamp drive. The lamp is connected in a high-voltage bridge circuit with VB providing
the complementary connection to VA. The peak-to-peak AC voltage across the EL lamp is
thus two times VCS.
7VA
EL lamp drive. (See above)
8REL-OSC
The EL lamp oscillator frequency setting pin. The oscillator frequency is controlled
by external resistor REL.
External Component
Description and Selection Guide
Diode
Catch diode. A fast reverse recovery diode, with BV > 150V, such as an FDLL400 (150V).
Capacitor CS
This is the high voltage capacitor that stores the inductive energy transferred through the
catch diode. A capacitor with WV > 120V between 10nF and 100nF is recommended.
Resistor REL
The EL lamp oscillator frequency setting resistor. This resistor, connected between the
REL-OSC pin and VDD, provides an oscillator frequency inversely proportional to REL;
as REL increases, the EL lamp frequency decreases along with the current drawn by the lamp.
Lamp color is also determined by this frequency. A 2.7M
Ω resistor between the REL-OSC pin and
the VDD supply results in a lamp frequency around 250Hz.
Resistor RSW
Switching Oscillator frequency setting resistor. The switching oscillator resistor is connected
between the RSW-OSC pin and the VDD supply. The switching frequency is inversely proportional
to the resistor value, dropping as the resistance increases.
Inductor L
The inductor provides the voltage boost needed by means of inductive “flyback”. The internal
MOSFET switch alternately opens and closes the ground connection for the inductor at the
LX pin. When this internal switch opens, the inductor potential will forward-bias the catch
diode and the current will pass through the storage capacitor CS, charging it to a high voltage.
Smaller inductors are preferred to prevent saturation. As the value of the inductor
increases (and the series DC resistance of the inductor decreases), the switching frequency
set by RSW should be increased to prevent saturation. In general, smaller value inductors that
can handle more current are more desirable when larger area EL lamps must be driven.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com