Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMP528D1 Datasheet(PDF) 6 Page - IMP, Inc

Part # IMP528D1
Description  HIGH-VOLTAGE EL LAMP DRIVER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IMP [IMP, Inc]
Direct Link  http://www.ds-imp.com.cn/index.asp
Logo IMP - IMP, Inc

IMP528D1 Datasheet(HTML) 6 Page - IMP, Inc

  IMP528D1 Datasheet HTML 1Page - IMP, Inc IMP528D1 Datasheet HTML 2Page - IMP, Inc IMP528D1 Datasheet HTML 3Page - IMP, Inc IMP528D1 Datasheet HTML 4Page - IMP, Inc IMP528D1 Datasheet HTML 5Page - IMP, Inc IMP528D1 Datasheet HTML 6Page - IMP, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
IMP, Inc.
Corporate Headquarters
2830 N. First Street
San Jose, CA 95134-2071
Tel: 408-432-9100
Fax: 408-434-0335
e-mail: info@impinc.com
http://www.impweb.com
The IMP logo is a registered trademark of IMP, Inc.
All other company and product names are trademarks of their respective owners.
© 2000 IMP, Inc.
Printed in USA
Publication #: 2004
Revision:
C
Issue Date:
04/13/01
Type:
Product
IMP528
IMP528
L
0
°– 8°
C
H
E
e
D
B
A1
A
SO (8-Pin).eps
SO (8-Pin)
Package Dimensions
e
b
D
E1 E
a
L
C
0.10mm
0.004in
A1
A2
A
MicroSO (8-Pin).eps
MicroSO (8-Pin)
s
e
h
c
n
Is
r
e
t
e
m
i
ll
i
M
n
i
Mx
a
Mn
i
Mx
a
M
*
)
n
i
P
-
8
(
O
S
A3
5
0
.
09
6
0
.
05
3
.
15
7
.
1
1
A4
0
0
.
00
1
0
.
00
1
.
05
2
.
0
B3
1
0
.
00
2
0
.
03
3
.
01
5
.
0
C7
0
0
.
00
1
0
.
09
1
.
05
2
.
0
e0
5
0
.
07
2
.
1
E0
5
1
.
07
5
1
.
00
8
.
30
0
.
4
H8
2
2
.
04
4
2
.
00
8
.
50
2
.
6
L6
1
0
.
00
5
0
.
00
4
.
07
2
.
1
D9
8
1
.
07
9
1
.
00
8
.
40
0
.
2
*
*
)
n
i
P
-
8
(
O
S
o
r
c
i
M
A
–
–
–
–
–
3
3
4
0
.
0
–
–
–
–
0
1
.
1
1
A0
2
0
0
.
09
5
0
0
.
00
5
0
.
05
1
.
0
2
A5
9
2
0
.
04
7
3
0
.
05
7
.
05
9
.
0
b8
9
0
0
.
07
5
1
0
.
05
2
.
00
4
.
0
C1
5
0
0
.
01
9
0
0
.
03
1
.
03
2
.
0
D2
4
1
1
.
00
2
2
1
.
00
9
.
20
1
.
3
eC
S
B
6
5
2
0
.
0C
S
B
5
6
.
0
EC
S
B
3
9
1
.
0C
S
B
0
9
.
4
1
E2
4
1
1
.
00
2
2
1
.
00
9
.
20
1
.
3
L7
5
1
0
.
06
7
2
0
.
00
4
.
00
7
.
0
a
°
0
°
6
°
0
°
6
A
A
2
1
0
-
S
M
g
n
i
w
a
r
D
C
E
D
E
J
*
A
A
7
8
1
-
O
M
g
n
i
w
a
r
D
C
E
D
E
J
*
*
3
t
a
.
1
0
t
_
8
2
5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com