Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMP809 Datasheet(PDF) 2 Page - IMP, Inc

Part # IMP809
Description  3-Pin Microcontroller Power Supply Supervisor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IMP [IMP, Inc]
Direct Link  http://www.ds-imp.com.cn/index.asp
Logo IMP - IMP, Inc

IMP809 Datasheet(HTML) 2 Page - IMP, Inc

  IMP809 Datasheet HTML 1Page - IMP, Inc IMP809 Datasheet HTML 2Page - IMP, Inc IMP809 Datasheet HTML 3Page - IMP, Inc IMP809 Datasheet HTML 4Page - IMP, Inc IMP809 Datasheet HTML 5Page - IMP, Inc IMP809 Datasheet HTML 6Page - IMP, Inc IMP809 Datasheet HTML 7Page - IMP, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
IMP809, IMP8
IMP809, IMP81100
Ordering Information
Pin Configuration
IMP809
(IMP810)
GND
(RESET) RESET
VCC
3
1
2
809/10_02.eps
SOT23
Package Marking2
Part Number 1
Reset Threshold (V)
Temperature Range
Pin-Package
(XX Lot Code)
IMP809 Active LOW Reset
IMP809LEUR-T
4.63
– 40°C to +105°C
3-SOT23
AAXX
IMP809MEUR-T
4.38
– 40°C to +105°C
3-SOT23
ABXX
IMP809JEUR-T
4.00
– 40°C to +105°C
3-SOT23
CWXX
IMP809TEUR-T
3.08
– 40°C to +105°C
3-SOT23
ACXX
IMP809SEUR-T
2.93
– 40°C to +105°C
3-SOT23
ADXX
IMP809REUR-T
2.63
– 40°C to +105°C
3-SOT23
AFXX
IMP810 Active HIGH Reset
IMP810LEUR-T
4.63
– 40°C to +105°C
3-SOT23
AGXX
IMP810MEUR-T
4.38
– 40°C to +105°C
3-SOT23
AHXX
IMP810JEUR-T
4.00
– 40°C to +105°C
3-SOT23
AIXX
IMP810TEUR-T
3.08
– 40°C to +105°C
3-SOT23
AJXX
IMP810SEUR-T
2.93
– 40°C to +105°C
3-SOT23
AKXX
IMP810REUR-T
2.63
– 40°C to +105°C
3-SOT23
ALXX
2
Notes:
1. Tape and Reel packaging is indicated by the -T designation.
2. Devices may also be marked with full part number: 809L, 810M etc. XX refers to lot.
Related Products
IMP809
IMP810
IMP811
IMP812
Max. Supply Current
15µA
15µA
15µA
15µA
Package Pins
3
3
4
4
Manual RESET input
s
s
Package Type
SOT-23
SOT-23
SOT-143
SOT-143
Active-HIGH RESET output
s
s
Active-LOW RESET output
s
s



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com