Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ILC5140 Datasheet(PDF) 4 Page - Impala Linear Corporation

Part # ILC5140
Description  CMOS MULTILEVEL VOLTAGE DETECTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IMPALA [Impala Linear Corporation]
Direct Link  
Logo IMPALA - Impala Linear Corporation

ILC5140 Datasheet(HTML) 4 Page - Impala Linear Corporation

  ILC5140 Datasheet HTML 1Page - Impala Linear Corporation ILC5140 Datasheet HTML 2Page - Impala Linear Corporation ILC5140 Datasheet HTML 3Page - Impala Linear Corporation ILC5140 Datasheet HTML 4Page - Impala Linear Corporation ILC5140 Datasheet HTML 5Page - Impala Linear Corporation ILC5140 Datasheet HTML 6Page - Impala Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
V
TH1
V
TH2
V
TH3
V
TH4
Time (ms)
Flag 1
Flag 2
Flag 3
Flag 4
V
TH1
V
TH2
V
TH3
V
TH4
Time (ms)
Flag 1
Flag 2
Flag 3
Flag 4
140ms
Minimum
Delay
140ms
Minimum
Delay
Time (ms)
∆t
400ms
Clock
Flag
V
TH
140ms
Minimum
Delay
Time V
CC
∆V = 20mV
V
TH
V
TH -20mV
140 ms
Minimum
Delay
Clock
Flag
CMOS Multilevel Voltage Detector
Impala Linear Corporation
4
(408) 574-3939
www.impalalinear.com
Dec 2000
ILC514x 1.1
Advance



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com