Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL5020 Datasheet(PDF) 2 Page - Tiger Electronic Co.,Ltd

Part # SL5020
Description  LOW VOLTAGE COMPANDER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

SL5020 Datasheet(HTML) 2 Page - Tiger Electronic Co.,Ltd

  SL5020 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd SL5020 Datasheet HTML 2Page - Tiger Electronic Co.,Ltd SL5020 Datasheet HTML 3Page - Tiger Electronic Co.,Ltd SL5020 Datasheet HTML 4Page - Tiger Electronic Co.,Ltd SL5020 Datasheet HTML 5Page - Tiger Electronic Co.,Ltd SL5020 Datasheet HTML 6Page - Tiger Electronic Co.,Ltd SL5020 Datasheet HTML 7Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SL5020
2/7
BLOCK DIAGRAM
ABSOLUTE MAXIMUM RATINGS (Ta=25°C)
Characteristic
Symbol
Value
Unit
Maximu m Supply Vo ltage
Vcc
10
V
Power Dissipation
P D
410
mW
Storage Temp erature Range
Ts tg
-55~150
°C
OPERATING CONDITIONS
Operating Supply Voltage : 1.8 ~ 5.0 V
Operating Temp erature Range : -20 ~ 70°C
Input frequency Range : 100Hz ~ 20kHz
Input Voltage : Comp ressor Input = 600mVrms
(Vcc=3V) Expander Input = 260mVrms



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com