Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMP802LEPA Datasheet(PDF) 4 Page - IMP, Inc

Part # IMP802LEPA
Description  關P POWER SUPPLY SUPERVISOR WITH BATTERY BACKUP SWITCH
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IMP [IMP, Inc]
Direct Link  http://www.ds-imp.com.cn/index.asp
Logo IMP - IMP, Inc

IMP802LEPA Datasheet(HTML) 4 Page - IMP, Inc

  IMP802LEPA Datasheet HTML 1Page - IMP, Inc IMP802LEPA Datasheet HTML 2Page - IMP, Inc IMP802LEPA Datasheet HTML 3Page - IMP, Inc IMP802LEPA Datasheet HTML 4Page - IMP, Inc IMP802LEPA Datasheet HTML 5Page - IMP, Inc IMP802LEPA Datasheet HTML 6Page - IMP, Inc IMP802LEPA Datasheet HTML 7Page - IMP, Inc IMP802LEPA Datasheet HTML 8Page - IMP, Inc IMP802LEPA Datasheet HTML 9Page - IMP, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
IMP690A
IMP690A , 692A
, 692A , 802L, 802M, 805L
, 802L, 802M, 805L
Electrical Characteristics
Parameter
Symbol Conditions
Min
Typ
Max Units
VCC, VBATT Voltage Range
IMP69_AC, IMP802_C
1.1
5.5
V
(Note 1)
IMP805LC
1.1
5.5
IMP69_AE, IMP80_ _E
1.1
5.5
Supply Current Excluding IOUT
IS
IMP69_AC, IMP802_C
35
100
µA
IMP69_AE, IMP802_E, IMP805LE
35
100
ISUPPLY in Battery-Backup Mode
VCC = 0V, VBATT = 2.8V
TA = 25°C
1.0
µA
(Excluding IOUT)
TA = TMIN to TMAX
5.0
VBATT Standby Current
5.5V > VCC > VBATT – 0.2V
TA = 25°C
– 0.1
0.02
µA
(Note 2)
TA = TMIN to TMAX
–1.0
0.02
VOUT Output
IOUT = 5mA
VCC – 0.025 VCC – 0.010
V
IOUT = 50mA
VCC – 0.25
VCC – 0.10
VOUT in Battery-Backup Mode
IOUT = 250µA, VCC < VBATT – 0.2V
VBATT – 0.1 VBATT – 0.001
V
Battery Switch Threshold,
VCC < VRT
Power-up
20
mV
VCC to VBATT
Power-down
–20
Battery Switchover Hysteresis
40
mV
Reset Threshold
VRT
IMP690A/802L/805L
4.50
4.65
4.75
V
IMP692A, IMP802M
4.25
4.40
4.50
IMP802L, TA = 25°C, VCC falling
4.55
4.70
IMP802M, TA = 25°C, VCC falling
4.30
4.45
Reset Threshold Hysteresis
40
mV
Reset Pulse Width
tRS
140
200
280
ms
Reset Output Voltage
ISOURCE = 800µA
VCC – 1.5
V
ISINK = 3.2mA
0.4
IMP69_AC, IMP802_C, VCC = 1.0V, ISINK = 50µA
0.3
IMP69_AE, IMP802_E, VCC = 1.2V, ISINK = 100µA
0.3
IMP805LC, ISOURCE = 4µA, VCC = 1.1V
0.8
IMP805LE, ISOURCE = 4µA, VCC = 1.2V
0.9
IMP805L, ISOURCE = 800µA
VCC – 1.5
IMP805L, ISINK = 3.2mA
0.4
Watchdog Timeout
tWD
1.00
1.60
2.25
sec
WDI Pulse Width
tWP
VIL= 0.4V, VIH = 0.8VCC
50
ns
WDI Input Current
WDI = VCC
50
150
µA
WDI = 0V
–150
–50
WDI Input Threshold
VCC = 5V, Logic LOW
0.8
V
(Note 3)
VCC = 5V, Logic HIGH
3.5
PFI Input Threshold
IMP69_A, IMP805L, VCC = 5V
1.20
1.25
1.30
V
IMP802_C/E, VCC = 5V
1.225
1.250
1.275
PFI Input Current
– 25
0.01
25
nA
PFO Output Voltage
ISOURCE = 800µA
VCC – 1.5
V
ISINK = 3.2mA
0.4
Unless otherwise noted VCC = 4.75V to 5.5V for the IMP690A/IMP802L/IMP805L and VCC = 4.5V to 5.5V for the IMP692A/IMP802M;
VBATT = 2.8V; and TA = TMIN to TMAX.
Notes: 1. If VCC or VBATT is 0V, the other must be greater than 2.0V.
2. Battery charging-current is “–”. Battery discharge-current is “+”.
3. WDI is guaranteed to be in an intermediate level state if WDI is floating and VCC is within the operating voltage range. WDI input
impedance is 50k
Ω. WDI is biased to 0.3VCC.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com