Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ILC6377 Datasheet(PDF) 2 Page - Impala Linear Corporation

Part # ILC6377
Description  0.5A, 300KHZ, SO-8 PWM/PFM STEP DOWN CONVERTER WITH SHUTDOWN
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IMPALA [Impala Linear Corporation]
Direct Link  
Logo IMPALA - Impala Linear Corporation

ILC6377 Datasheet(HTML) 2 Page - Impala Linear Corporation

  ILC6377 Datasheet HTML 1Page - Impala Linear Corporation ILC6377 Datasheet HTML 2Page - Impala Linear Corporation ILC6377 Datasheet HTML 3Page - Impala Linear Corporation ILC6377 Datasheet HTML 4Page - Impala Linear Corporation ILC6377 Datasheet HTML 5Page - Impala Linear Corporation ILC6377 Datasheet HTML 6Page - Impala Linear Corporation ILC6377 Datasheet HTML 7Page - Impala Linear Corporation ILC6377 Datasheet HTML 8Page - Impala Linear Corporation ILC6377 Datasheet HTML 9Page - Impala Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
0.5A, 300kHz, SO-8 PWM/PFM Step Down Converter with Shutdown
Impala Linear Corporation
2
(408) 574-3939
www.impalalinear.com
June 1999
ILC6377 1.3
Conditions
VIN 3.5V, No Loads
VS/D = 0V
Open Loop Measurement, VS/D = VIN, VLX =
VIN - 0.4V, VOUT = 3V
Open Loop Measurement, VOUT = VIN,
VLX = 0V
Measurement Waveform at EXT pin VIN =
3.6V IOUT = 20mA
No Load
Minimum VIN when Vref does not start up
Vref rises to 0V from 0.9V
Parameter
Output Voltage
Input Voltage
Output Voltage
Input Current Supply
Shutdown Current
LX Switch On - Resistance
LX Switch Leakage Current
Oscillator Frequency
Max Duty Cycle
PFM Duty Cycle
Efficiency
Undervoltage Lockout
Soft-Start Time
Symbol
VOUT
VIN
IOUT
IIN
IS/D
Rds(on)
ILXL
FOSC
MAXDTY
PFMDTY
EFFI
VUVLO
TSS
Unless Otherwise specified all limits are at VOUT = 3.3V, VIN = 4V, FOSC=300kHz, IOUT = 130mA,TA = 25°C. Circuit configuration of figure 1.
Parameter
VIN Input Voltage Pin
VOUT Pin (ILC6370SO-XX)
FB Pin (ILC6377SO-Adj)
Voltage on LX pin
Peak Switch Current on LX pin
Voltage on P_BST pin
Current EXT1, EXT2 pins
Voltage on all other pins
Continuous Total Power Dissipation
Operating Ambient Temperature
Storage Temperature
Symbol
VIN
VOUT
VFB
VLX
ILX
VDP_BST
IEXT1, IEXT2
~
PD
TOPR
TSTG
Ratings
-0.3 to +12
-0.3 to +12
-0.3 to VIN +12
VIN - VLX = 0.3 to +12
700
VIN - VP_BST = 0.3 to +12
±50
-0.3 to VIN
500
-30~+80
-40~+125
Units
V
V
V
mA
V
mA
V
mA
°C
°C
Typ
3.300
600
55
1.5
0.64
300
100
17
95
10.0
Min
3.218
500
255
10
1
6.0
Max
3.383
10
86
2.5
0.85
2.0
345
25
1.8
16.0
Units
V
V
mA
µA
µA
Ω
µA
kHz
%
%
%
V
msec
Absolute Maximum Ratings (TA=25°C)
Electrical Characteristics ILC6377SO-33



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com