Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ILC6380 Datasheet(PDF) 6 Page - Impala Linear Corporation

Part # ILC6380
Description  SOT-89 STEP-UP DUAL-MODE SWITCHER WITH SHUTDOWN
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IMPALA [Impala Linear Corporation]
Direct Link  
Logo IMPALA - Impala Linear Corporation

ILC6380 Datasheet(HTML) 6 Page - Impala Linear Corporation

  ILC6380 Datasheet HTML 1Page - Impala Linear Corporation ILC6380 Datasheet HTML 2Page - Impala Linear Corporation ILC6380 Datasheet HTML 3Page - Impala Linear Corporation ILC6380 Datasheet HTML 4Page - Impala Linear Corporation ILC6380 Datasheet HTML 5Page - Impala Linear Corporation ILC6380 Datasheet HTML 6Page - Impala Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
SOT-89 Step-up Dual-Mode Switcher with Shutdown
Impala Linear Corporation
6
(408) 574-3939
www.impalalinear.com
Sept 1999
ILC6380/1 1.4
RIPPLE VOLTAGE vs. OUTPUT CURRENT
OUTPUT VOLTAGE vs. OUTPUT CURRENT
ILC6380CP-30
ILC6380CP-30
ILC6380CP-30
ILC6380CP-30
3.2
3.1
3.0
2.9
2.8
2.7
2.6
0
0
40
80
120
160
200
OUTPUT CURRENT IOUT (mA)
INPUT VOLTAGE VIN (V)
OUTPUT CURRENT IOUT (mA)
OUTPUT CURRENT IOUT (mA)
L = 1000µH
C = 47µF (Tantalum)
L = 1000µH
C = 47µF (Tantalum)
L = 1000µH
C = 47µF (Tantalum)
VIN = 1.0V
VIN = 1.0V
VIN = 1.0V
VIN = 1.5V
VIN = 1.5V
VIN = 1.5V
VIN = 2.0V
VIN = 2.0V
VIN = 2.0V
100
80
60
40
20
0
0
40
80
120
160
EFFICIENCY vs. OUTPUT CURRENT
L = 100µH
RL = 0
C = 47µF (Tantalum)
IOUT = 0 (no load)
1.0
1.2
1.4
1.6
1.8
2.0
50
40
30
20
10
0
INPUT CURRENT vs. INPUT VOLTAGE
100
80
60
40
20
0
0
40
80
120
160
Typical Performance Characteristics General conditions for all curves



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com