Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMP809S Datasheet(PDF) 4 Page - IMP, Inc

Part # IMP809S
Description  3-Pin Microcontroller Power Supply Supervisor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IMP [IMP, Inc]
Direct Link  http://www.ds-imp.com.cn/index.asp
Logo IMP - IMP, Inc

IMP809S Datasheet(HTML) 4 Page - IMP, Inc

  IMP809S Datasheet HTML 1Page - IMP, Inc IMP809S Datasheet HTML 2Page - IMP, Inc IMP809S Datasheet HTML 3Page - IMP, Inc IMP809S Datasheet HTML 4Page - IMP, Inc IMP809S Datasheet HTML 5Page - IMP, Inc IMP809S Datasheet HTML 6Page - IMP, Inc IMP809S Datasheet HTML 7Page - IMP, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
IMP809, IMP8
IMP809, IMP81100
Pin Descriptions
Pin Number
Name
Function
1
GND
Ground
2
RESET
RESET is asserted LOW if VCC falls below the reset threshold and remains LOW for the
(IMP809)
240ms typical reset timeout period (140ms minimum) after VCC exceeds the threshold.
2
RESET
RESET is asserted HIGH if VCC falls below the reset threshold and remains HIGH for the
(IMP810)
240ms typical reset timeout period (140ms minimum) after VCC exceeds the threshold.
3
VCC
Power supply input voltage (3.0V, 3.3V, 5.0V)
5V
0V
5V
0V
VCC
VTH
RESET
140ms
minimum
Active Reset
Timeout Period
5V
0V
RESET
IMP809
IMP810
809/10_03.eps
Reset Timing
The reset signal is asserted–LOW for the IMP809 and HIGH for the
IMP810–when the VCC signal falls below the threshold trip voltage
and remains asserted for 140ms minimum after the VCC has risen
above the threshold.
Detailed Descriptions
Figure 1. Reset Timing Diagram



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com