Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ILC6382 Datasheet(PDF) 13 Page - Impala Linear Corporation

Part # ILC6382
Description  1-CELL TO 3-CELL BOOST WITH TRUE LOAD DISCONNECT, 3.3V, 5V OR ADJUSTABLE OUTPUT
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IMPALA [Impala Linear Corporation]
Direct Link  
Logo IMPALA - Impala Linear Corporation

ILC6382 Datasheet(HTML) 13 Page - Impala Linear Corporation

Back Button ILC6382 Datasheet HTML 9Page - Impala Linear Corporation ILC6382 Datasheet HTML 10Page - Impala Linear Corporation ILC6382 Datasheet HTML 11Page - Impala Linear Corporation ILC6382 Datasheet HTML 12Page - Impala Linear Corporation ILC6382 Datasheet HTML 13Page - Impala Linear Corporation ILC6382 Datasheet HTML 14Page - Impala Linear Corporation ILC6382 Datasheet HTML 15Page - Impala Linear Corporation ILC6382 Datasheet HTML 16Page - Impala Linear Corporation ILC6382 Datasheet HTML 17Page - Impala Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
1-Cell to 3-Cell Boost with True Load Disconnect, 3.3V, 5V, or Adjustable Output
Impala Linear Corporation
13
(408) 574-3939
www.impalalinear.com
Oct 1999
ILC6382 1.5
Typical Performance Characteristics ILC6382CIR-33 (VOUT = 3.3V)
Unless otherwise specified: TA = 25°C, CIN = 10µF, COUT = 10µF, L = 15µH.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com