Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ILC705 Datasheet(PDF) 4 Page - Impala Linear Corporation

Part # ILC705
Description  MP SUPERVISORY CIRCUIT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IMPALA [Impala Linear Corporation]
Direct Link  
Logo IMPALA - Impala Linear Corporation

ILC705 Datasheet(HTML) 4 Page - Impala Linear Corporation

  ILC705 Datasheet HTML 1Page - Impala Linear Corporation ILC705 Datasheet HTML 2Page - Impala Linear Corporation ILC705 Datasheet HTML 3Page - Impala Linear Corporation ILC705 Datasheet HTML 4Page - Impala Linear Corporation ILC705 Datasheet HTML 5Page - Impala Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
mP Supervisory Circuit
Impala Linear Corporation
4
(408) 574-3939
www.impalalinear.com
Sept 1999
ILC705-708 1.0
WDO
tMD
VRT
tRS
VCC
RESET
MR
tRS
tMR
Microprocessor Reset
The RESET pin is asserted whenever V
CC falls below the
reset threshold voltage or when MR goes low. The reset pin
remains asserted for a period of 200ms after V
CC has risen
above the reset threshold voltage and MR goes high. The
reset function ensures the microprocessor is properly reset
and powers up into a known condition after a power failure.
RESET will remain valid with V
CC as low as 1.4V
Watchdog Timer
The microprocessor can be monitored by connecting the
WDI pin (watchdog input) to a bus line or I/O line. If a tran-
sition does not occur on the WDI pin within the watchdog
timeout period, then WDO will go low. A minimum pulse of
50ns or any transition low-to-high or high-to-low on the WDI
pin will reset the watchdog timer. The output of the watch-
dog timer (WDO) will remain high if WDI sees a valid tran-
sition within the watchdog timeout period or if WDI is left
floating. If VCC falls below the reset threshold voltage then
WDO goes low immediately regardless of WDI. If WDI is left
floating, then WDO can be used as a low line indicator.
Manual Reset
The manual-reset input (MR) allows reset to be triggered by
a pushbutton switch which is debounced by the 140ms min-
imum reset pulse width. MR can be driven by external
TTL/CMOS compatible logic. By connecting WDO to MR a
watchdog timeout will generate a reset pulse in the
ILC705/ILC706.
Power Fail Warning
An additional comparator which is independent of other
functions on the ILC705/706/707/708 is provided for early
warning of power failure. An external voltage divider can be
used to compare unregulated DC to an internal 1.25V ref-
erence. The voltage divider ratio on the input of the power
fail comparator (PFI) can be chosen so as to trip the power
fail comparator a few milliseconds before VCC falls below
the maximum reset threshold voltage. The output of the
power fail comparator (PFO) can be used to interrupt the
microprocessor when used in this mode and execute shut-
down procedures prior to power loss
5
PFO
4
PFI
-
+
1.25 V
R1
R2
Unregulated DC
Industry P/N
ILC Direct
Replacement
MAX705CPA
ILC705N
MAX705CSA
ILC705M
MAX705EPA
ILC705N
MAX705ESA
ILC705M
ADM705AN
ILC705N
DS1705
ILC705
MAX706CPA
ILC706N
MAX706CSA
ILC706M
MAX706EPA
ILC706N
MAX706C/D
ILC706D
ADM706AN
ILC706N
DS1706
ILC706
MAX707CPA
ILC707N
MAX707CSA
ILC707M
MAX707EPA
ILC707N
MAX707ESA
ILC707M
MAX707C/D
ILC707D
ADM707AN
ILC707N
DS1707
ILC707
MAX708CPA
ILC708N
MAX708CSA
ILC708M
MAX708EPA
ILC708N
MAX708ESA
ILC708M
MAX708C/D
ILC708D
ADM708AN
ILC708N
DS1708
ILC708
Circuit Description
Alternate Reference Guide



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com