Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ILC7080 Datasheet(PDF) 4 Page - Impala Linear Corporation

Part # ILC7080
Description  50/100M SOT-23 CMOS RF LDO REGULATORS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IMPALA [Impala Linear Corporation]
Direct Link  
Logo IMPALA - Impala Linear Corporation

ILC7080 Datasheet(HTML) 4 Page - Impala Linear Corporation

  ILC7080 Datasheet HTML 1Page - Impala Linear Corporation ILC7080 Datasheet HTML 2Page - Impala Linear Corporation ILC7080 Datasheet HTML 3Page - Impala Linear Corporation ILC7080 Datasheet HTML 4Page - Impala Linear Corporation ILC7080 Datasheet HTML 5Page - Impala Linear Corporation ILC7080 Datasheet HTML 6Page - Impala Linear Corporation ILC7080 Datasheet HTML 7Page - Impala Linear Corporation ILC7080 Datasheet HTML 8Page - Impala Linear Corporation ILC7080 Datasheet HTML 9Page - Impala Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
50/100mA SOT-23 CMOS RF LDO™ Regulators
Impala Linear Corporation
4
(408) 574-3939
www.impalalinear.com
Sept. 1998
ILC7080/81 1.1
Parameter
Symbol
Conditions
Min
Typ
Max
Units
IOUT = 0mA
95
200
220
IOUT = 10mA
100
220
240
7080/81
IOUT = 50mA
100
220
240
IOUT = 100mA
100
240
260
Ground Pin Current
IGND
7081
only
IOUT = 150mA
115
260
280
µA
Shutdown (OFF) Current
ION/OFF
VON/OFF = 0V
0.1
2
µA
ON/OFF Input Voltage
VON/OFF
High = Regulator On
Low = Regulator Off
2.0
13
0.6
V
ON/OFF Pin Input Current
(Note 5)
IIN(ON/OFF)
VON/OFF = 0.6V, regulator OFF
VON/OFF = 2V, regulator ON
0.3
1
µA
Peak Output Current
(Note 4)
IOUT(PEAK)
VOUT > 0.95VOUT(NOM),
tpw = 2ms
400
500
mA
Output Noise Voltage
eN
BW = 300Hz to 50kHz,
CNOISE = 0.01µF
80
µVRMS
freq = 1kHz
85
freq = 10kHz
70
Ripple Rejection
∆V
OUT/
∆V
IN
COUT = 4.7µF,
IOUT = 100mA
freq = 1MHz
60
dB
Dynamic Line Regulation
∆V
OUT(line)
VIN: VOUT(NOM) + 1V to
VOUT(NOM) + 2V,
tr/tf = 2µs; IOUT = 100mA
4
mV
Dynamic Load Regulation
∆V
OUT(load)
IOUT: 0 to 100mA;
d(IOUT)/dt = 100mA/µs
with COUT = 0.47µF
with COUT = 2.2µF
50
25
mV
Short Circuit Current
ISC
VOUT = 0V
600
mA
Note 1: Absolute maximum ratings indicate limits which when exceeded may result in damage to the component. Electrical specifications do not apply when operating the
device outside of its rated operating conditions.
Note 2: Specified Min/Max limits are production tested or guaranteed through correlation based on statistical control methods. Measurements are taken at constant junction
temperature as close to ambient as possible using low duty pulse testing.
Note 3: Dropout voltage is defined as the input to output differential voltage at which the output voltage drops 2% below the nominal value measured with a 1V differential.
Note 4: Guaranteed by design
Note 5: The device’s shutdown pin includes a 2MW internal pull down resistor connected to ground.
Electrical Characteristics ILC7080/81AIM5 (cont.)
Unless otherwise specified, all limits are TA = 25°C; VIN = VOUT(NOM) + 1V, IOUT = 1mA, COUT = 1µF, VON/OFF = 2V.
Boldface limits apply over the operating temperature range. (Note 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com