Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0805C-R39 Datasheet(PDF) 2 Page - Frontier Electronics.

Part # 0805C-R39
Description  SMD WIRE WOUND CERAMIC CHIP INDUCTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

0805C-R39 Datasheet(HTML) 2 Page - Frontier Electronics.

  0805C-R39 Datasheet HTML 1Page - Frontier Electronics. 0805C-R39 Datasheet HTML 2Page - Frontier Electronics. 0805C-R39 Datasheet HTML 3Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
0805C Series – SMD WIRE WOUND CERAMIC CHIP INDUCTORS
Rev. A
B. Dimensions: mm (Inch)
Series
a
b
c
d
e
f
g
h
0805C
2.29
(0.090)
1.73
(0.068)
1.52
(0.060)
0.51
(0.020)
1.02
(0.040)
0.76
(0.030)
1.02
(0.040)
1.78
(0.070)
Tol.
Max.
Max.
Max.
Typ.
Typ.
Typ.
Typ.
Typ.
C. General Information:
i.
P/N: 0805C-xxx_, “0805” = Size Type, “C” = Gold plated pads, “xxx” = Inductance.
ii.
Tolerance “_”: K: ± 10%, J: ± 5%, G: ± 2%.
iii.
Product material: Ceramic.
iv.
0805C has first inductance color code only.
v.
Small and lightweight surface mounting type.
vi.
High Q at high frequency & High self-resonance frequency.
vii.
For 15ºC Temperature Rise at 25ºC ambient.
viii.
Inductance & Q measured with HP4291B Impedance Analyzer.
ix.
SRF measured using the HP8720D or HP8753E Network Analyzer.
x.
DCR measured using the 16502 milliohm meter.
xi.
Operating temperature: -40ºC to +125ºC.
xii.
This series has no color code due to the size is small.
xiii.
Inductance and Current Range: From 2.2 nH (600mA) to 820 nH (180 mA)
xiv.
SRF: From 188 MHz to 7900 MHz
xv.
MSL: Level 1.
D. Applications:
1. Game Consoles
2. Set Top Boxes
3. Cables Modems
4. Computers
5. Mobile Communication Devices (Cell Phones, Radios, etc.)
6. RF Filters
E. Characteristics Curve:
Frontier Electronics Corp.
®
Page 2 of 3
667 E. Cochran St., Simi Valley, CA 93065
http://www.frontierusa.com
Phone: 1-805-522-9998, Fax: 1-805-522-9989



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com