Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMP706 Datasheet(PDF) 2 Page - IMP, Inc

Part # IMP706
Description  LOW-POWER 關P SUPERVISOR CIRCUITS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IMP [IMP, Inc]
Direct Link  http://www.ds-imp.com.cn/index.asp
Logo IMP - IMP, Inc

IMP706 Datasheet(HTML) 2 Page - IMP, Inc

  IMP706 Datasheet HTML 1Page - IMP, Inc IMP706 Datasheet HTML 2Page - IMP, Inc IMP706 Datasheet HTML 3Page - IMP, Inc IMP706 Datasheet HTML 4Page - IMP, Inc IMP706 Datasheet HTML 5Page - IMP, Inc IMP706 Datasheet HTML 6Page - IMP, Inc IMP706 Datasheet HTML 7Page - IMP, Inc IMP706 Datasheet HTML 8Page - IMP, Inc IMP706 Datasheet HTML 9Page - IMP, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
408-432-9100/www.impweb.com
©
1999 IMP, Inc.
IMP705/6/7/8, 8
IMP705/6/7/8, 8113L
3L
Ordering Information
Pin Configuration
IMP707
IMP708
1
2
3
4
MR
VCC
GND
PFI
RESET
RESET
NC
PFO
8
7
6
5
IMP707
IMP708
1
2
3
4
RESET
RESET
MR
VCC
NC
PFO
PFI
GND
8
7
6
5
1
2
3
4
MR
VCC
GND
PFI
WDO
RESET (RESET)
WDI
PFO
8
7
6
5
IMP705
IMP706
(IMP813L)
IMP705
IMP706
(IMP813L)
1
2
3
4
RESET (RESET)
WDO
MR
VCC
WDI
PFO
PFI
GND
8
7
6
5
705_03.eps
DIP/SO
MicroSO
Part Number
Reset Threshold (V)
Temperature Range
Pins-Package
IMP705 Active LOW Reset, Watchdog Output and Manual RESET
IMP705CPA
4.65
0°C to +70°C
8-Plastic DIP
IMP705CSA
4.65
0°C to +70°C
8-SO
IMP705CUA
4.65
0°C to +70°C
8-MicroSO
IMP705C/D
4.65
25°C
Dice
IMP705EPA
4.65
–40°C to +85°C
8-Plastic DIP
IMP705ESA
4.65
–40°C to +85°C
8-SO
IMP706ESA
4.40
–40°C to +85°C
8-SO
IMP706 Active LOW Reset, Watchdog Output and Manual RESET
IMP706CPA
4.40
0°C to +70°C
8-Plastic DIP
IMP706CSA
4.40
0°C to +70°C
8-SO
IMP706CUA
4.40
0°C to +70°C
8-MicroSO
IMP706C/D
4.40
25°C
Dice
IMP706EPA
4.40
–40°C to +85°C
8-Plastic DIP
IMP706ESA
4.40
–40°C to +85°C
8-SO
IMP707 Active LOW & HIGH Reset with Manual RESET
IMP707CPA
4.65
0°C to +70°C
8-Plastic DIP
IMP707CSA
4.65
0°C to +70°C
8-SO
IMP707CUA
4.65
0°C to +70°C
8-MicroSO
IMP707C/D
4.65
25°C
Dice
IMP707EPA
4.65
–40°C to +85°C
8-Plastic DIP
IMP707ESA
4.65
–40°C to +85°C
8-SO
IMP708 Active LOW & HIGH Reset with Manual RESET
IMP708CPA
4.40
0°C to +70°C
8-Plastic DIP
IMP708CSA
4.40
0°C to +70°C
8-SO
IMP708CUA
4.40
0°C to +70°C
8-MicroSO
IMP708C/D
4.40
25°C
Dice
IMP708EPA
4.40
–40°C to +85°C
8-Plastic DIP
IMP708ESA
4.40
–40°C to +85°C
8-SO
IMP813L Active HIGH Reset, Watchdog Output and Manual RESET
IMP813LCPA
4.65
0°C to +70°C
8-Plastic DIP
IMP813LCSA
4.65
0°C to +70°C
8-SO
IMP813LCUA
4.65
0°C to +70°C
8-MicroSO
IMP813LC/D
4.65
25°C
Dice
IMP813LEPA
4.65
–40°C to +85°C
8-Plastic DIP
IMP813LESA
4.65
–40°C to +85°C
8-SO



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com