Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ILC810_W Datasheet(PDF) 2 Page - Impala Linear Corporation

Part # ILC810_W
Description  3-PIN 關P VOLTAGE MONITOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IMPALA [Impala Linear Corporation]
Direct Link  
Logo IMPALA - Impala Linear Corporation

ILC810_W Datasheet(HTML) 2 Page - Impala Linear Corporation

  ILC810_W Datasheet HTML 1Page - Impala Linear Corporation ILC810_W Datasheet HTML 2Page - Impala Linear Corporation ILC810_W Datasheet HTML 3Page - Impala Linear Corporation ILC810_W Datasheet HTML 4Page - Impala Linear Corporation ILC810_W Datasheet HTML 5Page - Impala Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
VCC = 5V for ILC8__L/M/J, VCC = 3.3V for ILC8__S/T, VCC = 3V for ILC8__R, TA = Operating Temperature Range, unless otherwise noted.
Parameter
Conditions
Min
Typ
Max
Units
Operating Voltage Range, VCC
TA = 0°C to 70°C
TA = -40°C to 85°C
1.4
1.6
5.5
5.5
V
Supply Current, ICC
ILC803L/M/J, ILC809L/M/J, ILC810L/M/J
VCC < 3.6V, ILC803R/S/T, ILC809R/S/T, ILC810R/S/T
9
6
15
10
µA
Reset Voltage Threshold, VTH
ILC803L, ILC809L, ILC810L
ILC803M, ILC809M, ILC810M
ILC803J, ILC809J, ILC810J
ILC803T, ILC809T, ILC810T
ILC803S, ILC809S, ILC810S
ILC803R, ILC809R, ILC810R
4.50
4.25
3.89
3.00
2.85
2.55
4.63
4.38
4.00
3.08
2.93
2.63
4.75
4.50
4.10
3.15
3.00
2.70
V
Reset Timeout Period, tR
140
240
560
ms
VCC = VTH
ISINK = 1.2mA
0.3
V
RESET Output Voltage Low
(Active low ILC803 & 809) VOL
VCC =VTH
ISINK = 3.2mA
0.4
V
RESET Open Drain Output
Leakage Current
VCC > VTH RESET Deasserted
7
µA
RESET Output Voltage VOH
ISOURCE = 800
µA, ILC809L/M/J
ISOURCE = 500
µA, ILC809R/S/T
VCC – 1.5
0.8 x VCC
V
RESET Output Voltage, VOL
VCC = VTH Min., ISINK = 3.2 mA, ILC809L/M/J
VCC = VTH Min., ISINK = 1.2 mA, ILC809R/S/T
VCC > 1.4 V, ISINK = 50
µA, T
A = 0°C to 70°C
VCC > 1.6 V, ISINK = 50
µA, T
A = -40°C to 85°C
0.4
0.3
0.3
0.3
V
RESET Output Voltage, VOH
1.8V < VCC < VTH Min., ISOURCE = 150
µA
0.8 x VCC
V
RESET Output Voltage, VOL
ISINK = 3.2mA, ILC810L/M/J
ISINK = 1.2mA, ILC810R/S/T
0.4
0.3
V
3-Pin µP Voltage Monitor
Impala Linear Corporation
2
(408) 574-3939
www.impalalinear.com
Sept 1999
ILC803/809/810 1.5
Preliminary
Parameter
Symbol
Ratings
Units
Terminal Voltage
VCC
-0.3 to 6.0
V
Input Current
VCC
20
mA
Output Current
RESET, RESET
20
mA
Rate of Rise
VCC
100
V/
µs
Operating Temperature Range
TA
-40 to +85
°C
Storage Temperature Range
-65 to +150
°C
Lead Temperature (Soldering, 10 sec.)
300
°C
Power Dissipation (TA = +70°C)
320
mW
Stresses above those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent device failure. Functionality at
or above these limits is not implied. Exposure to absolute maximum ratings for extended periods may affect device reliabil-
ity. Operating ranges define those limits between which the functionality of the device is guaranteed.
Pin Number
Pin Name
ILC803
ILC809
ILC810
Description
GND
1
1
1
Ground Pin.
RESET
2
2
N/A
RESET goes low if VCC falls below the reset
threshold and remains asserted for one reset timeout
period (140ms min.) after VCC exceeds the reset
threshold.
RESET
N/A
N/A
2
RESET goes high if VCC falls below the reset
threshold and remains asserted for one reset timeout
period (140ms min.) after VCC exceeds the reset
threshold.
VCC
4
3
3
Power supply input, 3 V, 3.3 V or 5 V.
Absolute Maximum Ratings
Electrical Characteristics
Pin Functions



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com