Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P3321 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # P3321
Description  3/32 x 3 1/2 Compact Standard Screwdriver, Green Handle
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

P3321 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  P3321 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Catalog No. P3321 Product Detail
http://www.apexhandtools.com/brands/CF_Files/model_detail.cfm?upc=037103485052[11/2/12 2:19:28 PM]
Xcelite
3/32" x 3 1/2" Compact Standard Screwdriver, Green Handle
Product Details
Catalog No.
P3321
UPC Code
037103485052
Description
Round Blade
Blade Style
Slotted
Blade/Point Size
3/32 in./2.38 mm
Blade Diameter
3/32 in./2.38 mm
Working Length
1 1/4 in./31.75 mm
Overall Length
3 1/2 in./89 mm
Packaging
Industrial
Box/Carton
Low Res. Image
P3321_100.jpg
High Res. Image
P3321_300.jpg
Stock Item
Normal Stock Item
Package Details (Dimensions)
Product Features:
Compact standard screwdriver
3/32" x 3 1/2"
Handle color: Green


Similar Part No. - P3321

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
P332-155.52 CONNOR-WINFIELD-P332-155.52 Datasheet
130Kb / 2P
5.0x7.0mm Surface Mount LVPECL Clock Oscillator Series
logo
3M Electronics
P33201AA 3M-P33201AA Datasheet
2Mb / 62P
Solutions for Enterprise Networks
P33202AA 3M-P33202AA Datasheet
2Mb / 62P
Solutions for Enterprise Networks
P33203AA 3M-P33203AA Datasheet
2Mb / 62P
Solutions for Enterprise Networks
logo
ETAL Group
P3324 ETAL-P3324 Datasheet
188Kb / 6P
LINE MATCHING TRANSFORMER
More results

Similar Description - P3321

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH28F320S3TD-L10 SHARP-LH28F320S3TD-L10 Datasheet
291Kb / 51P
32 M-bit (2 MB x 8/1 MB x 16 x 2-Bank) Smart 3 Dual Work Flash Memory
logo
Samtec, Inc
ASP-103614-04 SAMTEC-ASP-103614-04 Datasheet
354Kb / 2P
ITEMS -1, -2, & -3 NOT AVAILABLE AS STANDARD
logo
Bel Fuse Inc.
ABC75-1T12L BEL-ABC75-1T12L Datasheet
1Mb / 6P
3 x 2 x 1 Inch Form Factor
MBC75-1T12L BEL-MBC75-1T12L Datasheet
1Mb / 6P
3 x 2 x 1 Inch Form Factor
MBC75 BEL-MBC75 Datasheet
878Kb / 5P
3 x 2 x 1 Inch Form Factor
logo
PHOENIX CONTACT
SF-THEX-3-100 PHOENIX-SF-THEX-3-100 Datasheet
42Kb / 2P
T-handle screwdriver, for Allen screws, hexagon (with chamfer), size: Hex 3 x 100 mm, ergonomically shaped handle, matt chrome-plated
1206612 PHOENIX-1206612 Datasheet
55Kb / 4P
Screwdriver - SZF 3-1, 0X5,5
1212639 PHOENIX-1212639 Datasheet
42Kb / 2P
Screwdriver - SF-THEX 3-100
logo
Schneider Electric
XB7ND33 SCHNEIDER-XB7ND33 Datasheet
123Kb / 5P
selector switch - 횠 22 - black - standard handle - 3 positions - 2 NO
Aug 11, 2019
ZA2BD3 SCHNEIDER-ZA2BD3 Datasheet
123Kb / 2P
black selector switch - 3 positions - standard handle
Mar 21, 2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com