Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT7133LA55JI Datasheet(PDF) 16 Page - Integrated Device Technology

Part # IDT7133LA55JI
Description  HIGH-SPEED 2K x 16 CMOS DUAL-PORT STATIC RAMS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7133LA55JI Datasheet(HTML) 16 Page - Integrated Device Technology

Back Button IDT7133LA55JI Datasheet HTML 8Page - Integrated Device Technology IDT7133LA55JI Datasheet HTML 9Page - Integrated Device Technology IDT7133LA55JI Datasheet HTML 10Page - Integrated Device Technology IDT7133LA55JI Datasheet HTML 11Page - Integrated Device Technology IDT7133LA55JI Datasheet HTML 12Page - Integrated Device Technology IDT7133LA55JI Datasheet HTML 13Page - Integrated Device Technology IDT7133LA55JI Datasheet HTML 14Page - Integrated Device Technology IDT7133LA55JI Datasheet HTML 15Page - Integrated Device Technology IDT7133LA55JI Datasheet HTML 16Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
6.42
IDT7133SA/LA, IDT7143SA/LA
High-Speed 2K x 16 Dual-Port RAM
Military, Industrial and Commercial Temperature Ranges
16
Ordering Information
XX
Power
XX
Speed
X
Package
X
Process/
Temperature
Range
Blank
I
B
Commercial (0
°Cto +70°C)
Industrial (-40
°Cto +85°C)
Military (-55
°Cto +125°C)
Compliant to MIL-PRF-38535 QML
J
G
F
PF
68-pin PLCC (J68-1)
68-pin PGA (GU68-1)
68-pin Flatplack (F68-1)
100-pin TQFP (PN100-1)
20
25
35
45
55
70
90
XXXX
Device
Type
IDT
Speed in nanoseconds
2746 drw 16
LA
SA
Low Power
Standard Power
7133
7143
32K (2K x 16-Bit) MASTER Dual-Port RAM
32K (2K x 16-Bit) SLAVE Dual-Port RAM
Commercial Only
Commercial, Industrial & Military
Commercial, Industrial & Military
Commercial & Military
Commercial, Industrial & Military
Commercial & Military
Commercial & Military
CORPORATE HEADQUARTERS
for SALES:
for Tech Support:
2975 Stender Way
800-345-7015 or 408-727-6116
831-754-4613
Santa Clara, CA 95054
fax: 408-492-8674
DualPortHelp@idt.com
www.idt.com
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
Datasheet Document History
12/18/98:
Initiateddatasheetdocumenthistory
Converted to new format
Cosmetic and typographical corrections
Added additional notes to pin configurations
Page 2 corrected PN100 pinout
2/17/99:
Corrected PF ordering code
3/9/99:
Cosmetic and typographical corrections
6/9/99:
Changed drawing format
10/1/99:
Added Industrial Temperature Ranges and removed corresponding notes
11/10/99:
Replaced IDT logo
4/1/00:
Changed ±500mV to 0mV in notes
Page 2 Fixed overbar in pinout
6/26/00:
Page 4
Increased storage temperature parameters
Clarified TA parameter
Page 5
DC Electrical parameters–changed wording from "open" to "disabled"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com