Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT7142LA55CI Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDT7142LA55CI
Description  HIGH-SPEED 2K x 8 DUAL-PORT STATIC RAM WITH INTERRUPTS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7142LA55CI Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT7142LA55CI Datasheet HTML 1Page - Integrated Device Technology IDT7142LA55CI Datasheet HTML 2Page - Integrated Device Technology IDT7142LA55CI Datasheet HTML 3Page - Integrated Device Technology IDT7142LA55CI Datasheet HTML 4Page - Integrated Device Technology IDT7142LA55CI Datasheet HTML 5Page - Integrated Device Technology IDT7142LA55CI Datasheet HTML 6Page - Integrated Device Technology IDT7142LA55CI Datasheet HTML 7Page - Integrated Device Technology IDT7142LA55CI Datasheet HTML 8Page - Integrated Device Technology IDT7142LA55CI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
©2004 Integrated Device Technology, Inc.
JUNE 2004
DSC-2692/16
HIGH SPEED
2K x 8 DUAL PORT
STATIC RAM
IDT7132SA/LA
IDT7142SA/LA
Functional Block Diagram
Features
◆
◆
◆
◆
◆
High-speed access
– Commercial:20/25/35/55/100ns(max.)
– Industrial: 25ns (max.)
– Military:25/35/55/100ns(max.)
◆
◆
◆
◆
◆
Low-power operation
– IDT7132/42SA
Active: 325mW (typ.)
Standby: 5mW (typ.)
– IDT7132/42LA
Active: 325mW (typ.)
Standby: 1mW (typ.)
NOTES:
1. IDT7132 (MASTER): BUSY is open drain output and requires pullup resistor of 270
Ω.
IDT7142 (SLAVE): BUSY is input.
2. Open drain output: requires pullup resistor of 270
Ω.
◆
◆
◆
◆
◆
MASTERIDT7132easilyexpandsdatabuswidthto16-or-more
bits using SLAVE IDT7142
◆
◆
◆
◆
◆
On-chip port arbitration logic (IDT7132 only)
◆
◆
◆
◆
◆
BUSY
output flag on IDT7132; BUSY input on IDT7142
◆
◆
◆
◆
◆
Battery backup operation —2V data retention (LA only)
◆
◆
◆
◆
◆
TTL-compatible, single 5V ±10% power supply
◆
◆
◆
◆
◆
Available in 48-pin DIP, LCC and Flatpack, and 52-pin PLCC
packages
◆
◆
◆
◆
◆
Military product compliant to MIL-PRF-38535 QML
◆
◆
◆
◆
◆
Industrial temperature range (–40°C to +85°C) is available for
selected speeds
OEL
CEL
R/WL
I/OOL-I/O7L
BUSYL(1,2)
A10L
A0L
CEL
OEL
R/
WL
CER
OER
R/
WR
OER
CER
R/
WR
I/OOR-I/O7R
BUSYR(1,2)
A10R
A0R
I/O
Control
I/O
Control
Address
Decoder
Address
Decoder
MEMORY
ARRAY
ARBITRATION
LOGIC
2692 drw 01
m
11
11


Similar Part No. - IDT7142LA55CI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7142LA55C IDT-IDT7142LA55C Datasheet
175Kb / 11P
HIGH-SPEED 2K x 8 DUAL-PORT STATIC RAM
IDT7142LA55CB IDT-IDT7142LA55CB Datasheet
175Kb / 11P
HIGH-SPEED 2K x 8 DUAL-PORT STATIC RAM
More results

Similar Description - IDT7142LA55CI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
7132SA100J IDT-7132SA100J Datasheet
292Kb / 16P
HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
7132SA55JI IDT-7132SA55JI Datasheet
292Kb / 16P
HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
IDT71V321S IDT-IDT71V321S_15 Datasheet
124Kb / 15P
HIGH SPEED 3.3V 2K X 8 DUAL-PORT STATIC RAM WITH INTERRUPTS
IDT7132SA IDT-IDT7132SA_15 Datasheet
203Kb / 16P
HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
IDT71321SA IDT-IDT71321SA_08 Datasheet
143Kb / 17P
HIGH SPEED 2K X 8 DUAL-PORT STATIC RAM
IDT71V321S IDT-IDT71V321S_18 Datasheet
142Kb / 15P
HIGH SPEED 3.3V 2K X 8 DUAL-PORT STATIC RAM WITH INTERRUPTS
IDT7132SA IDT-IDT7132SA_18 Datasheet
169Kb / 16P
HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
IDT71321SA IDT-IDT71321SA_18 Datasheet
184Kb / 18P
HIGH SPEED 2K X 8 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
71V321 RENESAS-71V321 Datasheet
431Kb / 16P
HIGH SPEED 3.3V 2K X 8 DUAL-PORT STATIC RAM WITH INTERRUPTS
JULY 2019
71321SA RENESAS-71321SA Datasheet
492Kb / 19P
HIGH SPEED 2K X 8 DUAL-PORT STATIC RAM WITH INTERRUPTS
SEPTEMBER 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com