Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA240DCT Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PA240DCT
Description  PA and PB Series Panel Protection Devices
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PA240DCT Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PA240DCT Datasheet HTML 1Page - List of Unclassifed Manufacturers PA240DCT Datasheet HTML 2Page - List of Unclassifed Manufacturers PA240DCT Datasheet HTML 3Page - List of Unclassifed Manufacturers PA240DCT Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PA and PB Series
Panel Protection Devices
T
he Sentrex PA and PB Series surge protection devices
protect your sensitive electronic equipment from
external or internal transient activity. Units can be
customized with remote monitoring, noise filtration and flush
mount options.
All PA and PB units are approved for indoor or outdoor
use and feature all-mode protection. Units provide excellent
protection when placed at branch panels or at specific
pieces of equipment. They can also suppress external surges
when mounted at the main service panel.
PA and PB Series surge protection devices are an integral
part of the Sentrex Zoned Approach to Whole Building
Protection.
Up to 160kA maximum surge current protection
per phase.
Easy installation. Enclosure can be easily drilled or
punched for conduit/cable access and positioned to
the electrical panel at the discretion of the installer.
All-mode protection is standard on all units.
NEMA 1, 2, 3, 3S, 4, 4X, 12, 13 rated, water-tight,
fire-resistant plastic enclosure.
34mm MOV circuitry. Well exceeds the capacity of
20mm MOVs in parallel to manage surges over time.
Short circuit and thermal fusing.
Low impedance circuitry.
Visual indication of protection status.
Ten-year product warranty.
UL1449 Second Edition Listed.
j
Features & Benefits
Remote diagnostic connection. Using NO/NC dry
contacts via on-board relay. Remote monitoring device
sold separately.
EMI/RFI noise filter. Noise attenuation -20dB maximum
100 kHz to 100 MHz.
Flush mount cover. Sold separately.
Available Options
ED1198R1 – Updated February 2005 – For latest specs visit www.wiremold.com
SPD
PA/PB Series
The PA and PB Series provide
surge protection at the
main service panel, sub panel
or at sensitive equipment.
NOISE
SURGE


Similar Part No. - PA240DCT

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA240 APEX-PA240 Datasheet
384Kb / 5P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIER
PA240 CIRRUS-PA240 Datasheet
220Kb / 5P
High Voltage Power Operational Amplifier
More results

Similar Description - PA240DCT

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELJPA1R5KF PANASONIC-ELJPA1R5KF Datasheet
236Kb / 7P
High Power Type PF, PE, PC, PA, PB
ELJPF2N2DF PANASONIC-ELJPF2N2DF Datasheet
283Kb / 5P
High Power Types PF, PE, PC, PA, PB
logo
Infineon Technologies A...
ESD233-B1-W0201 INFINEON-ESD233-B1-W0201 Datasheet
1Mb / 14P
Protection Devices
Revision 1.0 2017-05-22
ESD239-B1-W0201 INFINEON-ESD239-B1-W0201 Datasheet
804Kb / 14P
Protection Devices
Revision 1.1 2017-09-14
ESD242-B1-W01005 INFINEON-ESD242-B1-W01005 Datasheet
831Kb / 13P
Protection Devices
Revision 1.1 2017-11-27
ESD245-B1-W0201 INFINEON-ESD245-B1-W0201 Datasheet
566Kb / 14P
Protection Devices
Revision 1.0 2017-06-26
ESD246-B1-W01005 INFINEON-ESD246-B1-W01005 Datasheet
635Kb / 14P
Protection Devices
Revision 1.0 2017-06-26
ESD249-B1-W0201 INFINEON-ESD249-B1-W0201 Datasheet
732Kb / 14P
Protection Devices
Revision 1.1 2017-03-14
logo
Guangdong Youtai Semico...
LESD8D3.3CAT5G UMW-LESD8D3.3CAT5G Datasheet
468Kb / 4P
These are Pb−Free Devices
LESD8D5.0CAT5G UMW-LESD8D5.0CAT5G Datasheet
379Kb / 4P
These are Pb−Free Devices
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com