Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4591 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # 4591
Description  Drywall Punch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

4591 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button 4591 Datasheet HTML 4Page - List of Unclassifed Manufacturers 4591 Datasheet HTML 5Page - List of Unclassifed Manufacturers 4591 Datasheet HTML 6Page - List of Unclassifed Manufacturers 4591 Datasheet HTML 7Page - List of Unclassifed Manufacturers 4591 Datasheet HTML 8Page - List of Unclassifed Manufacturers 4591 Datasheet HTML 9Page - List of Unclassifed Manufacturers 4591 Datasheet HTML 10Page - List of Unclassifed Manufacturers 4591 Datasheet HTML 11Page - List of Unclassifed Manufacturers 4591 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8000 Series – Ergonomic crimper that uses the same dies
as the 1300 Series. Easiest crimper on the market to use – crimp with
one hand effortlessly. Ultra-smooth ratchet design, rubber grip handles
with reduced grip distance. Over 50 interchangeable die sets available.
P/N 8000 – Frame only
1300 Series -
The original crimp frame
with interchangeable die sets. Ratcheted crimper with quick change
EZI-CHANGE™ die screws. Precision crimping at an affordable price.
P/N 1302 – Frame only
SealTite® Pro Crimper
easily crimps all compression connectors with a single tool! Head
reverses to accommodate CATV “F”, BNC & RCA connectors eliminating
need for additional attachments. Thumb screw adjusts crimp height.
Advanced ratchet system & comfortable rubber-embedded handles.
P/N 1555
1555
Crimp &
Terminate
1600 Series - Premium crimper for superior quality
& reliability making it the most widely used tool amongst
broadcast installers. Precision-calibrated crimp profiles.
Smallest grip hand tool with longest life span available.
P/N 1600 – Frame only
All-in-One Data & Phone Tools
cut, strip & crimp round and flat cables
for RJ45, RJ11/12 & RJ22 modular plugs.
Ratcheted design.
P/N 1556 for WE/SS-style
P/N 1557 for AMP-style plugs
All-in-One Pro Data & Phone Tools cut, strip & terminate
cable for 4-, 6- and 8-position RJ22, RJ11/12 and RJ45 modular
plugs. Fully ratcheted with comfortable, rubber-embedded handles.
P/N 1530R for WE/SS-style
P/N 1540 for AMP-style
1556
1530R
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com