Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HF161F/5-HT Datasheet(PDF) 1 Page - Hongfa Technology

Part # HF161F/5-HT
Description  MINIATURE HIGH POWER RELAY
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HF161F/5-HT Datasheet(HTML) 1 Page - Hongfa Technology

  HF161F/5-HT Datasheet HTML 1Page - Hongfa Technology HF161F/5-HT Datasheet HTML 2Page - Hongfa Technology HF161F/5-HT Datasheet HTML 3Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Dkkmjs5 @77hY
2FCPQNFO
Fjio\^o m\odib
Gd`g`^omd^
nom`iboc
Ucj^f m`ndno\i^`
KQPJID THND[
Fjdg kjr`m
T`ndnodq`A 97D 9<7XDF
Idg` Pj5A877797<7@;:
4;7 oj ?<
T`ndnodq`A 9<D
OjojmA 9KR 9<7XDF
9<D 9<7XDF \o ?<jF
97D 9<7XDF \o ?<jF
9KR 9<7XDF \o ?<jF
LUQ@7783 LUQ6VU8=@;@ 3 LUQ8;7783 QKUDU8?7783 LHFS SF 7?7777 FHTVLILHG
978< T`q5 8577
O\s5 nrdo^cdib ^pmm`io
O\s5 nrdo^cdib kjr`m
O`^c\id^\g `i_pm\i^`
Fjio\^o h\o`md\g
O\s5 nrdo^cdib qjgo\b`
Fjio\^o m`ndno\i^`
978
8LPFO, 80 Dgg q\gp`n pink`^dad`_ \m` \o mjjh o`hk`m\opm`5
90 Qigt otkd^\g gj\_n \m` gdno`_ \]jq`5 Qoc`m gj\_ nk`^dad^\odjin
^\i ]` \q\dg\]g` pkji m`lp`no5
9<D 9<7XDF \o ?<jF
97D 9<7XDF \o ?<jF
?01
Idg` Pj5A H8:;<8>
Idg` Pj5A ;77:8;87
1
Hg`^omd^\g `i_pm\i^`
W ;5<fX _d`g`^omd^ nom`iboc
/]`or``i ^jdg \i_ ^jio\^on0
W K`\qt gj\_ pk oj =9<7XD
W L_`\g ajm hjojm nrdo^cdib
W RFE g\tjpon \q\dg\]g`
W WN dinpg\odji ntno`hA Fg\nn I
W Hiqdmjih`io\g amd`i_gt kmj_p^o /TjKU ^jhkgd\io0
W Qpogdi` Gdh`indjinA /:75; s 8<5@ s 9:5:0 hh
8D
877h h\s5/\o 8D =XGF0
=9<7XD
9s87=QRU
Fjio\^o \mm\ib`h`io
42*+*2
8777O /\o <77XGF0
;<77XDF 8hdi
8777XDF 8hdi
87fX /859 6 <7xn0
97hn h\s5
87hn h\s5
=7M h\s5
8@=h6n9
@?7h6n9
87Ku oj <<Ku 85<hh GD
<- oj ?<- TK
RFE
Dkkmjs5 98b
Igps kmjja`_
7585-=>;1 4534 :9@1; ;16-B
/98=-/= 0-=-
/4-;-/=1;5<=5/<
/956
Pjhdi\g
Xjgo\b`
XGF
Fjdg
T`ndno\i^`
Rd^f4pk
Xjgo\b`
XGF
h\s5
Gmjk4jpo
Xjgo\b`
XGF
hdi5
O\s5
Xjgo\b`
XGF
/956 0-=-
<
89
9;
;?
9>5? s /8 87-0
8=7s/8 87-0
=;7s/8 87-0
9<=7 s /8 87-0
:5<
?5;
8=5?
::5=
75<
859
95;
;5?
=57
8;5;
9?5?
<>5=
<-21=B -::;9?-6 ;-=583<
>6~/>6
DbUiQ93 DbF_Q
Linpg\odji m`ndno\i^`
E`or``i ^jdg . ^jio\^on
E`or``i jk`i ^jio\^on
Upmb` qjgo\b` /]`or``i ^jdg . ^jio\^on0
Qk`m\o` odh` /\o ijhd5 qjgo50
T`g`\n` odh` /\o ijhd5 qjgo50
V`hk`m\opm` mdn` /\o ijhd5 qjgo50
Ipi^odji\g
G`nomp^odq`
Xd]m\odji m`ndno\i^`
Dh]d`io o`hk`m\opm`
Kphd_dot
V`mhdi\odji
Wido r`dbco
Fjinomp^odji
\o 9:
9<7XDF
KV otk`A8s87<QRU /97D 9<7XDF3
T`ndnodq` gj\_3 Tjjh o`hk53
85<n ji 85<n jaa0
8LPFO,
1O\sdhph qjgo\b` m`a`mn oj oc` h\sdhph qjgo\b` rcd^c m`g\t
^jdg ^jpg_ `i_pm` di \ ncjmo k`mdj_ ja odh`5
8LPFO, Vc` _\o\ ncjri \]jq` \m` didod\g q\gp`n5
?
01


Similar Part No. - HF161F/5-HT

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HF161F HONGFA-HF161F Datasheet
57Kb / 3P
MINIATURE HIGH POWER RELAY
HF161F-W HONGFA-HF161F-W Datasheet
73Kb / 3P
SOLAR RELAY
HF161F-W HONGFA-HF161F-W Datasheet
590Kb / 3P
SOLAR RELAY
HF161F-W/12-HT HONGFA-HF161F-W/12-HT Datasheet
73Kb / 3P
SOLAR RELAY
HF161F-W/12-HT HONGFA-HF161F-W/12-HT Datasheet
590Kb / 3P
SOLAR RELAY
More results

Similar Description - HF161F/5-HT

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HF68F HONGFA-HF68F Datasheet
63Kb / 3P
MINIATURE HIGH POWER RELAY
HF102F HONGFA-HF102F Datasheet
66Kb / 3P
MINIATURE HIGH POWER RELAY
HF105F-4 HONGFA-HF105F-4 Datasheet
77Kb / 4P
MINIATURE HIGH POWER RELAY
HF115F-Q HONGFA-HF115F-Q Datasheet
65Kb / 3P
MINIATURE HIGH POWER RELAY
HF116F-2 HONGFA-HF116F-2 Datasheet
80Kb / 4P
MINIATURE HIGH POWER RELAY
HF116F-3 HONGFA-HF116F-3 Datasheet
81Kb / 4P
MINIATURE HIGH POWER RELAY
HF2160 HONGFA-HF2160 Datasheet
135Kb / 4P
MINIATURE HIGH POWER RELAY
HF118FI HONGFA-HF118FI Datasheet
93Kb / 5P
MINIATURE HIGH POWER RELAY
HF116F-1 HONGFA-HF116F-1 Datasheet
80Kb / 4P
MINIATURE HIGH POWER RELAY
HF115FK HONGFA-HF115FK Datasheet
64Kb / 3P
MINIATURE HIGH POWER RELAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com