Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IA80C152JC Datasheet(PDF) 9 Page - InnovASIC, Inc

Part # IA80C152JC
Description  UNIVERSAL COMMUNICATIONS CONTROLLER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA80C152JC Datasheet(HTML) 9 Page - InnovASIC, Inc

Back Button IA80C152JC Datasheet HTML 5Page - InnovASIC, Inc IA80C152JC Datasheet HTML 6Page - InnovASIC, Inc IA80C152JC Datasheet HTML 7Page - InnovASIC, Inc IA80C152JC Datasheet HTML 8Page - InnovASIC, Inc IA80C152JC Datasheet HTML 9Page - InnovASIC, Inc IA80C152JC Datasheet HTML 10Page - InnovASIC, Inc IA80C152JC Datasheet HTML 11Page - InnovASIC, Inc IA80C152JC Datasheet HTML 12Page - InnovASIC, Inc IA80C152JC Datasheet HTML 13Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
Page 9 of 32
IA80C152
Preliminary Data Sheet
UNIVERSAL COMMUNICATIONS CONTROLLER
Copyright
© 2000
innovASIC
[_________The End of Obsolescence
™
Table 4 - SFR Summary
Item
Register
Name
Register
Address
Functional
Block
Description
Initial
Value
52.
TFIFO
085h
GSC
Transmit FIFO
X
53.
TH0
08Ch
C8051
Timer (High) 0
00h
54.
TH1
08Dh
C8051
Timer (High) 1
00h
55.
TL0
08Ah
C8051
Timer (Low) 0
00h
56.
TL1
08Bh
C8051
Timer (Low) 1
00h
57.
TMOD
089h
C8051
Timer Mode
00h
58.
TSTAT
0D8h
GSC
Transmit Status
XX000100b
Table 5 - Interrupt Summary
Interrupt
Priority
Interrupt
Name
Priority
Symbol
Name
Enable
Symbol
Name
Priority
Address
Enable
Address
Vector
Address
-
Enable All Interrupts
-
EA
-
0AFh
-
1
External Interrupt 0
PX0
EX0
0B8h
0A8h
03h
2
GSC Receive Valid
PGSRV
EGSRV
0F8h
0C8h
2Bh
3
Timer 0 Overflow
PT0
ET0
0B9h
0A9h
0Bh
4
GSC Receive Error
PGSRE
EGSRE
0F9h
0C9h
33h
5
DMA Channel 0 Done
PDMA0
EDMA0
0FAh
0CAh
3Bh
6
External Interrupt 1
PX1
EX1
0BAh
0AAh
13h
7
GSC Transmit Valid
PGSTV
EGSTV
0FBh
0CBh
43h
8
DMA Channel 1 Done
PDMA1
EDMA1
0FCh
0CCh
53h
9
Timer 1 Overflow
PT1
ET1
0BBh
0ABh
1Bh
10
GSC Transmit Error
PGSRE
EGSRE
0FDh
0CDh
4Bh
11
UART Transmit/Receive
PS
ES
0BCh
0ACh
23h
Power Conservation Modes
There are 2 power conservation modes identified as Idle Mode and Power Down Mode. The
IA80C152 pins will have values according to the Table 6 below.
Idle Mode is entered through software control of the PCON register. Idle halts processor
execution and the DMA. The GSC continue to operate to the extent that it can without the
processor or DMA servicing its requests. Idle mode is exited upon receipt of any enabled interrupt
or invoking a hardware reset.
Power Down Mode is entered through software control of the PCON register. Power Down
disables the oscillator causing all functions to stop. RAM data is maintained since power is not
removed from the device. The only way to exit power down mode is to invoke a hardware reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com