Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSS0428P-151N Datasheet(PDF) 1 Page - Frontier Electronics.

Part # CSS0428P-151N
Description  SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

CSS0428P-151N Datasheet(HTML) 1 Page - Frontier Electronics.

  CSS0428P-151N Datasheet HTML 1Page - Frontier Electronics. CSS0428P-151N Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CSS0428P Series
SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
Rev. A
A. Electrical Specifications:
P/N
Marking
Inductance
(μH)
Test Freq.
(KHz)
DCR Max.
(m
Ω)
Rated Current
(A)
CSS0428P-1R2N
1R2
1.2
100
23.6
2.56
CSS0428P-1R8N
1R8
1.8
100
27.5
2.20
CSS0428P-2R2N
2R2
2.2
100
31.3
2.04
CSS0428P-2R7N
2R7
2.7
100
43.3
1.60
CSS0428P-3R3N
3R3
3.3
100
49.2
1.57
CSS0428P-3R9N
3R9
3.9
100
64.8
1.44
CSS0428P-4R7N
4R7
4.7
100
72.0
1.32
CSS0428P-5R6N
5R6
5.6
100
100.9
1.17
CSS0428P-6R8N
6R8
6.8
100
108.9
1.12
CSS0428P-8R2N
8R2
8.2
100
117.5
1.04
CSS0428P-100N
100
10
100
128.3
1.00
CSS0428P-120N
120
12
100
131.6
0.84
CSS0428P-150N
150
15
100
149.0
0.76
CSS0428P-180N
180
18
100
166.0
0.72
CSS0428P-220N
220
22
100
235.0
0.70
CSS0428P-270N
270
27
100
261.0
0.58
CSS0428P-330N
330
33
100
331.3
0.56
CSS0428P-390N
390
39
100
383.7
0.50
CSS0428P-470N
470
47
100
587.0
0.48
CSS0428P-560N
560
56
100
624.5
0.41
CSS0428P-680N
680
68
100
699.0
0.35
CSS0428P-820N
820
82
100
914.8
0.32
CSS0428P-101N
101
100
100
1020.0
0.29
CSS0428P-121N
121
120
100
1270.0
0.27
CSS0428P-151N
151
150
100
1350.0
0.24
CSS0428P-181N
181
180
100
1540.0
0.22
B. Dimensions: mm (Inch)
Series
a
b
c
d
e
f
g
h
i
k
CSS0428P
4.7
(0.185)
4.7
(0.185)
3.0
(0.118)
6.9
(0.272)
4.5
(0.177)
4.5
(0.177)
1.5
(0.059)
1.9
(0.075)
1.5
(0.059)
5.3
(0.209)
Tol.
±0.3
(0.012)
±0.3
(0.012)
Max.
Max.
Typ.
Typ.
Typ.
Typ.
Typ.
Typ.
C. General Information:
1. CSS0428P-xxx_, “CSS0428P” = P/N, “xxx” = Inductance, “_” = Tolerance.
2. Tolerance “_”: N = ± 30%, M = ± 20%, L= ± 15%.
3. Operating temperature range: -30ºC to +100ºC (Including self-generated heat).
4. Storage temperature: -40ºC to +85ºC.
5. Inductance measured using the HP4284A and Chroma1320 & 3302.
6. DCR measured using Chroma 16502 milliohm meter.
7. Inductance drop no more than 35% of initial value at rated
current, temperature rise ∆t < 40ºC.
8. Inductance and Current range: From 1.2µH (2.56A) to 180.0 µH (0.22A).
9. MSL: Level 1.
Frontier Electronics Corp.
®
Page 1 of 2
667 E. Cochran St., Simi Valley, CA 93065
http://www.frontierusa.com
Phone: 1-805-522-9998, Fax: 1-805-522-9989


Similar Part No. - CSS0428P-151N

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
CSS0428P-151N FRONTIER-CSS0428P-151N Datasheet
186Kb / 2P
SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
More results

Similar Description - CSS0428P-151N

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
CSMS0612D FRONTIER-CSMS0612D Datasheet
183Kb / 2P
SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSS0211P FRONTIER-CSS0211P_15 Datasheet
174Kb / 2P
SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSS0214P FRONTIER-CSS0214P_15 Datasheet
178Kb / 2P
SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSS0218P FRONTIER-CSS0218P_15 Datasheet
173Kb / 2P
SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSS0628P FRONTIER-CSS0628P_15 Datasheet
190Kb / 2P
SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSS105D FRONTIER-CSS105D_15 Datasheet
194Kb / 2P
SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSS124P FRONTIER-CSS124P_15 Datasheet
236Kb / 2P
SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSS0518P-4R1L FRONTIER-CSS0518P-4R1L Datasheet
225Kb / 2P
SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSS0528P-2R5L FRONTIER-CSS0528P-2R5L Datasheet
188Kb / 2P
SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSS1050G-R80L FRONTIER-CSS1050G-R80L Datasheet
282Kb / 2P
SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com