Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT54FCT240AE Datasheet(PDF) 8 Page - Integrated Device Technology

Part # IDT54FCT240AE
Description  FAST CMOS OCTAL BUFFER/LINE DRIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT54FCT240AE Datasheet(HTML) 8 Page - Integrated Device Technology

  IDT54FCT240AE Datasheet HTML 1Page - Integrated Device Technology IDT54FCT240AE Datasheet HTML 2Page - Integrated Device Technology IDT54FCT240AE Datasheet HTML 3Page - Integrated Device Technology IDT54FCT240AE Datasheet HTML 4Page - Integrated Device Technology IDT54FCT240AE Datasheet HTML 5Page - Integrated Device Technology IDT54FCT240AE Datasheet HTML 6Page - Integrated Device Technology IDT54FCT240AE Datasheet HTML 7Page - Integrated Device Technology IDT54FCT240AE Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
IDT54/74FCT240/241/244/540/541/A/C
FAST CMOS OCTAL BUFFER/LINE DRIVER
MILITARY AND COMMERCIAL TEMPERATURE RANGES
7.8
8
ORDERING INFORMATION
2606 cnv* 15
IDT
XX
Temp. Range
XXXX
Device Type
X
Package
X
Process
Blank
B
P
D
SO
L
E
240
241
244
540
541
240A
241A
244A
540A
541A
240C
241C
244C
540C
541C
Commercial
MIL-STD-883, Class B
Plastic DIP
CERDIP
Small Outline IC
Leadless Chip Carrier
CERPACK
Inverting Octal Buffer/Line Driver
Non-Inverting Octal Buffer/Line Driver
Non-Inverting Octal Buffer/Line Driver
Inverting Octal Buffer/Line Driver
Non-Inverting Octal Buffer/Line Driver
Fast Inverting Octal Buffer/Line Driver
Fast Non-Inverting Octal Buffer/Line Driver
Fast Non-Inverting Octal Buffer/Line Driver
Fast Inverting Octal Buffer/Line Driver
Fast Non-Inverting Octal Buffer/Line Driver
Super Fast Inverting Octal Buffer/Line Driver
Super Fast Non-Inverting Octal Buffer/Line Driver
Super Fast Non-Inverting Octal Buffer/Line Driver
Super Fast Inverting Octal Buffer/Line Driver
Super Fast Non-Inverting Octal Buffer/Line Driver
54
74
–55
°C to +125°C
0
°C to +70°C
FCT



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com