Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT7132LA55JI Datasheet(PDF) 15 Page - Integrated Device Technology

Part # IDT7132LA55JI
Description  HIGH-SPEED 2K x 8 DUAL-PORT STATIC RAM WITH INTERRUPTS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7132LA55JI Datasheet(HTML) 15 Page - Integrated Device Technology

Back Button IDT7132LA55JI Datasheet HTML 8Page - Integrated Device Technology IDT7132LA55JI Datasheet HTML 9Page - Integrated Device Technology IDT7132LA55JI Datasheet HTML 10Page - Integrated Device Technology IDT7132LA55JI Datasheet HTML 11Page - Integrated Device Technology IDT7132LA55JI Datasheet HTML 12Page - Integrated Device Technology IDT7132LA55JI Datasheet HTML 13Page - Integrated Device Technology IDT7132LA55JI Datasheet HTML 14Page - Integrated Device Technology IDT7132LA55JI Datasheet HTML 15Page - Integrated Device Technology IDT7132LA55JI Datasheet HTML 16Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
6.42
IDT7132SA/LA and IDT 7142SA/LA
High Speed 2K x 8 Dual Port Static RAM
Military, Industrial and Commercial Temperature Ranges
15
Ordering Information
IDT
XXXX
A
999
A
A
Device Type Power
Speed Package
Process/
Temperature
Range
BLANK
I(1)
B
Commercial (0
°Cto+70°C)
Industrial (-40
°Cto+85°C)
Military (-55
°Cto +125°C)
Compliant to MIL-PRF-38535 QML
P
C
J
L48
F
48-pin Plastic DIP (P48-1)
48-pin Sidebraze DIP (C48-2)
52-pin PLCC (J52-1)
48-pin LCC (L48-1)
48-pin Ceramic Flatpack (F48-1)
20
25
35
55
100
Commercial PLCC Only
Commercial, Industrial & Military
Commercial & Military
Commercial & Military
Commercial & Military
LA
SA
Low Power
Standard Power
7132
7142
16K (2K x 8-Bit) MASTER Dual-Port RAM
16K (2K x 8-Bit) SLAVE Dual-Port RAM
Speed in nanoseconds
2692 drw 16
,
NOTE:
1. Industrial temperature range is available.
For specific speeds, packages and powers contact your sales office.
Datasheet Document History
03/24/99:
Initiateddatasheetdocumenthistory
Converted to new format
Cosmetic and typographical corrections
Pages 2 and 3 Added additional notes to pin configurations
06/08/99:
Changeddrawingformat
08/26/99:
Page 14 Changed Busy Logic and Width Expansion copy
11/10/99:
Replaced IDT logo
01/12/00:
Pages 1 and 2 Moved full "Description" to page 2 and adjusted page layouts
Page 1 Added "(LAonly)" to paragraph
Page 2 Fixed P48-1 body package description
Page 3 Increasedstoragetemperatureparameters
ClarifiedTA parameter
Page 4 DCElectricalparameters–changedwordingfrom"open"to"disabled"
Page 6 Added asteriks to Figures 1 and 3 in drw 06
Page 14 Correctedpartnumbers
Changed ±500mV to 0mV in notes
DatasheetDocumentHistorycontinuedonpage16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com