Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA28F004SC-85 Datasheet(PDF) 30 Page - Intel Corporation

Part # PA28F004SC-85
Description  BYTE-WIDE SmartVoltage FlashFile MEMORY FAMILY 4, 8, AND 16 MBIT
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PA28F004SC-85 Datasheet(HTML) 30 Page - Intel Corporation

Back Button PA28F004SC-85 Datasheet HTML 26Page - Intel Corporation PA28F004SC-85 Datasheet HTML 27Page - Intel Corporation PA28F004SC-85 Datasheet HTML 28Page - Intel Corporation PA28F004SC-85 Datasheet HTML 29Page - Intel Corporation PA28F004SC-85 Datasheet HTML 30Page - Intel Corporation PA28F004SC-85 Datasheet HTML 31Page - Intel Corporation PA28F004SC-85 Datasheet HTML 32Page - Intel Corporation PA28F004SC-85 Datasheet HTML 33Page - Intel Corporation PA28F004SC-85 Datasheet HTML 34Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 42 page
background image
BYTE-WIDE SmartVoltage FlashFile™ MEMORY FAMILY
E
30
PRELIMINARY
6.0
ELECTRICAL SPECIFICATIONS
6.1
Absolute Maximum Ratings*
Temperature under Bias ................ –10°C to +80°C
Storage Temperature....................–65°C to +125°C
Voltage on Any Pin
(except VPP, and RP#) ......... –2.0 V to +7.0 V(1)
VPP Voltage ........................... –2.0 V to +14.0 V(1,2)
RP# Voltage ........................ –2.0 V to +14.0 V(1,2,4)
Output Short Circuit Current ....................100 mA(3)
NOTICE: This datasheet contains information on new
products in production. Do not finalize a design with this
information. Revised information will be published when
the product is available. Verify with your local Intel Sales
office that you have the latest datasheet before finalizing a
design.
*WARNING: Stressing the device beyond the “Absolute
Maximum Ratings” may cause permanent damage. These
are stress ratings only. Operation beyond the “Operating
Conditions” is not recommended and extended exposure
beyond the “Operating Conditions” may affect device
reliability.
NOTES:
1. All specified voltages are with respect to GND. Minimum DC voltage is –0.5 V on input/output pins and –0.2 V on VCC, RP#,
and VPP pins. During transitions, this level may undershoot to –2.0 V for periods <20 ns. Maximum DC voltage on
input/output pins and VCC is VCC +0.5 V which, during transitions, may overshoot to VCC +2.0 V for periods <20 ns.
2. Maximum DC voltage on V
PP and RP# may overshoot to +14.0 V for periods <20 ns.
3. Output shorted for no more than one second. No more than one output shorted at a time.
4. RP# voltage is normally at VIL or VIH. Connection to supply of VHH is allowed for a maximum cumulative period of 80 hours.
6.2
Commercial Temperature Operating Conditions
Commercial Temperature and VCC Operating Conditions
Symbol
Parameter
Notes
Min
Max
Unit
Test Condition
TA
Operating Temperature
0
+70
°C
Ambient Temperature
VCC1
VCC Supply Voltage (2.7 V–3.6 V)
1
2.7
3.6
V
VCC2
VCC Supply Voltage (3.3 V ± 0.3 V)
3.0
3.6
V
VCC3
VCC Supply Voltage (5 V ± 5%)
4.75
5.25
V
VCC4
VCC Supply Voltage (5 V ± 10%)
4.5
5.5
V
NOTE:
1.
Block erase, program, and lock-bit configuration with VCC < 3.0 V should not be attempted.
6.3
Capacitance(1)
TA = +25°C, f = 1 MHz
Symbol
Parameter
Typ
Max
Unit
Condition
CIN
Input Capacitance
6
8
pF
VIN = 0.0 V
COUT
Output Capacitance
8
12
pF
VOUT = 0.0 V
NOTE:
1.
Sampled, not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com