Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FL160808-R12 Datasheet(PDF) 2 Page - Frontier Electronics.

Part # FL160808-R12
Description  SMD MULTILAYER FERRITE CHIP INDUCTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

FL160808-R12 Datasheet(HTML) 2 Page - Frontier Electronics.

  FL160808-R12 Datasheet HTML 1Page - Frontier Electronics. FL160808-R12 Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FL160808 (0603) Series
SMD MULTILAYER FERRITE CHIP INDUCTORS
Rev. A
D. General Information
1.
P/N: FL160808-xxx_, “FL160808” = Size Type, “xxx” = Inductance, “_” = Tolerance.
2.
Tolerance “_” : M: ± 20%, K: ±10%
3.
The product’s material: Ferrite.
4.
Excellent solder ability and high heat resistance for either flow or reflow soldering.
5.
Monolithic structures for highly reliable surface mount applications.
6.
No cross coupling between inductors due to magnetic shield. Ideal for high-density installation.
7.
Superior Q characteristics guaranteed over the wide frequency and allow high frequency application.
8.
The completely monolithic structure gives high reliability and allows high SRF.
9.
Both flow and IR re-flow application are possible.
10. Operating temperature: -40
°C to +125ºC
11. 15ºC Temperature Rise at 25ºC ambient
12. Inductance Range: From 0.047 uH (50mA) to 12.0uH (3mA)
13. SRF: From 15 MHz to 260 MHz
14. Unspecified values available on request.
15. MSL: Level 1.
E. Applications
1.
Game Consoles
2.
Set Top Boxes
3.
Cables Modems
4.
Computers
5.
Mobile Communication Devices (Cell Phones, Radios, etc.)
Frontier Electronics Corp.
®
Page 2 of 2
667 E. Cochran St., Simi Valley, CA 93065
http://www.frontierusa.com
Phone: 1-805-522-9998, Fax: 1-805-522-9989



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com