Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FL201209-R18 Datasheet(PDF) 1 Page - Frontier Electronics.

Part # FL201209-R18
Description  SMD MULTILAYER FERRITE CHIP INDUCTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

FL201209-R18 Datasheet(HTML) 1 Page - Frontier Electronics.

  FL201209-R18 Datasheet HTML 1Page - Frontier Electronics. FL201209-R18 Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FL2012 (0805) Series
SMD MULTILAYER FERRITE CHIP INDUCTORS
Rev. A
A. Electrical Specifications:
P/N
L
(uH)
Tol.
Q Min.
Test Freq.
(MHz)
SRF Min.
(MHz)
DCR Max.
(
Ω)
I rms. Max.
(mA)
FL201209-47N_
0.047
M (±20%)
15
50
320
0.20
300
FL201209-68N_
0.068
M (±20%)
15
50
280
0.20
300
FL201209-R10_
0.10
K (±10%)
20
25
235
0.30
250
FL201209-R12_
0.12
K (±10%)
20
25
220
0.30
250
FL201209-R15_
0.15
K (±10%)
20
25
200
0.40
250
FL201209-R18_
0.18
K (±10%)
20
25
185
0.40
250
FL201209-R22_
0.22
K (±10%)
20
25
170
0.50
250
FL201209-R27_
0.27
K (±10%)
20
25
150
0.50
250
FL201209-R33_
0.33
K (±10%)
20
25
145
0.55
250
FL201209-R39_
0.39
K (±10%)
25
25
135
0.65
200
FL201209-R47_
0.47
K (±10%)
25
25
125
0.65
200
FL201209-R56_
0.56
K (±10%)
25
25
115
0.75
150
FL201209-R68_
0.68
K (±10%)
25
25
105
0.80
150
FL201209-R82_
0.82
K (±10%)
25
25
100
1.00
150
FL201209-1R0_
1.0
K (±10%)
45
10
75
0.40
50
FL201209-1R2_
1.2
K (±10%)
45
10
65
0.50
50
FL201209-1R5_
1.5
K (±10%)
45
10
60
0.50
50
FL201209-1R8_
1.8
K (±10%)
45
10
55
0.60
50
FL201209-2R2_
2.2
K (±10%)
45
10
50
0.65
30
FL201212-2R7_
2.7
K (±10%)
45
10
45
0.75
30
FL201212-3R3_
3.3
K (±10%)
45
10
41
0.80
30
FL201212-3R9_
3.9
K (±10%)
45
10
38
0.90
30
FL201212-4R7_
4.7
K (±10%)
45
10
35
1.00
30
FL201212-5R6_
5.6
K (±10%)
50
4
32
0.90
15
FL201212-6R8_
6.8
K (±10%)
50
4
29
1.00
15
FL201212-8R2_
8.2
K (±10%)
50
4
26
1.10
15
FL201212-100_
10
K (±10%)
50
2
24
1.15
15
B. Dimensions: mm (Inch)
Series
a
b
c
d
e
f
g
FL201209
2.0( 0.079)
1.2( 0.047)
0.9(0.035)
0.5( 0.020)
3.20(0.126)
1.50(0.059)
0.60(0.024)
Tol.
± 0.2(0.008 )
± 0.2(0.008 )
± 0.2(0.008 )
± 0.3(0.012 )
Typ.
Typ.
Typ.
FL201212
2.0( 0.079)
1.2( 0.047)
1.2( 0.047)
0.5( 0.020)
3.20(0.126)
1.50(0.059)
0.60(0.024)
Tol.
± 0.2(0.008 )
± 0.2(0.008 )
± 0.2(0.008 )
± 0.3(0.012 )
Typ.
Typ.
Typ.
C. Part Number Key:
20
YY
12
XXX
X
TOLERANCE
INDUCTANCE
DIMENSIONS:
LENGTH (a) x WIDTH (b) x THICKNESS (c)
FAMILY: FL
FL
_
Frontier Electronics Corp.
®
Page 1 of 2
667 E. Cochran St., Simi Valley, CA 93065
http://www.frontierusa.com
Phone: 1-805-522-9998, Fax: 1-805-522-9989


Similar Part No. - FL201209-R18

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
FL201209-R18 FRONTIER-FL201209-R18 Datasheet
118Kb / 2P
SMD MULTILAYER FERRITE CHIP INDUCTORS
FL201209-R18K FRONTIER-FL201209-R18K Datasheet
34Kb / 1P
Multi-layers Chip Inductors
logo
FENGJUI TECHNOLOGY CO.,...
FL201209-R18K FENGJUI-FL201209-R18K Datasheet
262Kb / 7P
EMI SOLOTION PRODUCTS-RoHS
More results

Similar Description - FL201209-R18

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AIML-0805 ABRACON-AIML-0805 Datasheet
68Kb / 1P
MULTILAYER FERRITE CHIP INDUCTORS
logo
ECM Electronics Limited...
LNC30T ECM-LNC30T Datasheet
130Kb / 3P
SMD Ferrite Chip Inductors
LNQ32T ECM-LNQ32T Datasheet
135Kb / 4P
SMD Ferrite Chip Inductors
logo
Sumida Corporation
SFI-A3216-470 SUMIDA-SFI-A3216-470 Datasheet
380Kb / 3P
Multilayer Chip Ferrite Inductors
SFI-A2012-470 SUMIDA-SFI-A2012-470 Datasheet
383Kb / 3P
Multilayer Chip Ferrite Inductors
SFI-A1608-270 SUMIDA-SFI-A1608-270 Datasheet
371Kb / 3P
Multilayer Chip Ferrite Inductors
logo
RCD COMPONENTS INC.
MLI1206-R10-MBW RCD-MLI1206-R10-MBW Datasheet
62Kb / 1P
MULTILAYER SHIELDED FERRITE CHIP INDUCTORS
logo
Abracon Corporation
AIML-0805-R33K-T ABRACON-AIML-0805-R33K-T Datasheet
542Kb / 1P
MULTILAYER FERRITE CHIP INDUCTORS
01.11.11
logo
Frontier Electronics.
FL160808 FRONTIER-FL160808_15 Datasheet
119Kb / 2P
SMD MULTILAYER FERRITE CHIP INDUCTORS
FL201212 FRONTIER-FL201212_15 Datasheet
118Kb / 2P
SMD MULTILAYER FERRITE CHIP INDUCTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com