Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FL160808-R56 Datasheet(PDF) 1 Page - Frontier Electronics.

Part # FL160808-R56
Description  SMD MULTILAYER FERRITE CHIP INDUCTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

FL160808-R56 Datasheet(HTML) 1 Page - Frontier Electronics.

  FL160808-R56 Datasheet HTML 1Page - Frontier Electronics. FL160808-R56 Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FL160808 (0603) Series
SMD MULTILAYER FERRITE CHIP INDUCTORS
Rev. A
A. Electrical Specifications:
P/N
L
(uH)
Tol.
Q Min.
Test Freq.
(MHz)
SRF Min.
(MHz)
DCR Max.
(
Ω)
I rms.
Max.
(mA)
FL160808-47N_
0.047
M (±20%)
10
50
260
0.30
50
FL160808-68N_
0.068
M (±20%)
10
50
250
0.30
50
FL160808-R10_
0.10
K (±10%)
15
25
240
0.50
50
FL160808-R12_
0.12
K (±10%)
15
25
205
0.50
50
FL160808-R15_
0.15
K (±10%)
15
25
180
0.60
50
FL160808-R18_
0.18
K (±10%)
15
25
165
0.60
50
FL160808-R22_
0.22
K (±10%)
15
25
150
0.80
50
FL160808-R27_
0.27
K (±10%)
15
25
136
0.80
50
FL160808-R33_
0.33
K (±10%)
15
25
125
0.85
35
FL160808-R39_
0.39
K (±10%)
15
25
110
1.00
35
FL160808-R47_
0.47
K (±10%)
15
25
105
1.35
35
FL160808-R56_
0.56
K (±10%)
15
25
95
1.55
35
FL160808-R68_
0.68
K (±10%)
15
25
90
1.70
35
FL160808-R82_
0.82
K (±10%)
15
25
85
2.10
35
FL160808-1R0_
1.0
K (±10%)
35
10
75
0.60
25
FL160808-1R2_
1.2
K (±10%)
35
10
65
0.80
25
FL160808-1R5_
1.5
K (±10%)
35
10
60
0.80
25
FL160808-1R8_
1.8
K (±10%)
35
10
55
0.95
25
FL160808-2R2_
2.2
K (±10%)
35
10
50
1.15
15
FL160808-2R7_
2.7
K (±10%)
35
10
45
1.35
15
FL160808-3R3_
3.3
K (±10%)
35
10
40
1.55
15
FL160808-3R9_
3.9
K (±10%)
35
10
35
1.70
15
FL160808-4R7_
4.7
K (±10%)
35
10
33
2.10
15
FL160808-5R6_
5.6
K (±10%)
35
4
22
1.55
5
FL160808-6R8_
6.8
K (±10%)
35
4
20
1.70
5
FL160808-8R2_
8.2
K (±10%)
35
4
18
2.10
5
FL160808-100_
10
K (±10%)
30
2
17
1.85
3
FL160808-120_
12
K (±10%)
30
2
15
2.10
3
B. Dimensions: mm (Inch)
Series
a
b
c
d
e
f
g
FL160808
1.6
(0.063)
0.8
(0.031)
0.8
(0.031)
0.3
(0.012)
2.80
(0.110)
1.00
(0.039)
0.60
(0.024)
Tol.
±0.2
(0.008)
±0.2
(0.008)
±0.2
(0.008)
±0.2
(0.008)
Typ.
Typ.
Typ.
C. Part Number Key:
FL
16
08
08
-XXX
TOLERANCE
INDUCTANCE
DIMENSIONS:
LENGTH (a) x WIDTH (b) x THICKNESS (c)
FAMILY: FL
_
Frontier Electronics Corp.
®
Page 1 of 2
667 E. Cochran St., Simi Valley, CA 93065
http://www.frontierusa.com
Phone: 1-805-522-9998, Fax: 1-805-522-9989


Similar Part No. - FL160808-R56

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
FL160808-R56K FRONTIER-FL160808-R56K Datasheet
35Kb / 1P
Multi-layers Chip Inductors
logo
FENGJUI TECHNOLOGY CO.,...
FL160808-R56K FENGJUI-FL160808-R56K Datasheet
262Kb / 7P
EMI SOLOTION PRODUCTS-RoHS
More results

Similar Description - FL160808-R56

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AIML-0805 ABRACON-AIML-0805 Datasheet
68Kb / 1P
MULTILAYER FERRITE CHIP INDUCTORS
logo
ECM Electronics Limited...
LNC30T ECM-LNC30T Datasheet
130Kb / 3P
SMD Ferrite Chip Inductors
LNQ32T ECM-LNQ32T Datasheet
135Kb / 4P
SMD Ferrite Chip Inductors
logo
Sumida Corporation
SFI-A3216-470 SUMIDA-SFI-A3216-470 Datasheet
380Kb / 3P
Multilayer Chip Ferrite Inductors
SFI-A2012-470 SUMIDA-SFI-A2012-470 Datasheet
383Kb / 3P
Multilayer Chip Ferrite Inductors
SFI-A1608-270 SUMIDA-SFI-A1608-270 Datasheet
371Kb / 3P
Multilayer Chip Ferrite Inductors
logo
RCD COMPONENTS INC.
MLI1206-R10-MBW RCD-MLI1206-R10-MBW Datasheet
62Kb / 1P
MULTILAYER SHIELDED FERRITE CHIP INDUCTORS
logo
Abracon Corporation
AIML-0805-R33K-T ABRACON-AIML-0805-R33K-T Datasheet
542Kb / 1P
MULTILAYER FERRITE CHIP INDUCTORS
01.11.11
logo
Frontier Electronics.
FL201209 FRONTIER-FL201209_15 Datasheet
118Kb / 2P
SMD MULTILAYER FERRITE CHIP INDUCTORS
FL201212 FRONTIER-FL201212_15 Datasheet
118Kb / 2P
SMD MULTILAYER FERRITE CHIP INDUCTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com