Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLT09H Datasheet(PDF) 13 Page - Murata Manufacturing Co., Ltd.

Part # PLT09H
Description  EMI Suppression Filters (Lead Type EMIFIL)
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PLT09H Datasheet(HTML) 13 Page - Murata Manufacturing Co., Ltd.

Back Button PLT09H Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. PLT09H Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. PLT09H Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. PLT09H Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. PLT09H Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. PLT09H Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. PLT09H Datasheet HTML 15Page - Murata Manufacturing Co., Ltd. PLT09H Datasheet HTML 16Page - Murata Manufacturing Co., Ltd. PLT09H Datasheet HTML 17Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
11
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
EMI Suppression Filters (Lead Type EMIFIL
r)
Disc Type EMIFIL
r Part Numbering
(Part Number)
Disc Type EMIFIL
r
eStyle
Code
Expressed by a letter.
Style
1
6
9
qProduct ID
DS
Three-terminal Capacitor
Product ID
wStructure
N
S
T
No Ferrite Beads Type
Built-in Ferrite Beads Type
with Ferrite Beads Type
Code
Structure
tTemperature Characteristics
B3
C5
D3
E5
Z8
±10% (Temperature Range: -25˚C to +85˚C)
±22% (Temperature Range: -25˚C to +85˚C)
+20/-30% (Temperature Range: -25˚C to +85˚C)
+22/-56% (Temperature Range: -25˚C to +85˚C)
+30/-85% (Temperature Range: -10˚C to +60˚C)
Code
Capacitance Change
iLead Type/oPackaging
Q55B
Q50B
Q52B
Q54B
Q56B
T41B
T51B
Q91A
Q92A
Q93A
U21A
U31A
All series
DS
p6N, DSp9N/H
DSS6N
DST9N/H
DST9N
DS
p6N, DSN9N/H, DSS1N
DSS1N
DSN6N/9N, DSS6N
DSS6N
25.0 min.
4.0±0.5
6.0±1.0
4.0±0.5
6.0±1.0
4.0±0.5
25.0 min.
20.0±1.0
16.5±1.0
18.5±1.0
16.5±1.0
18.5±1.0
Code
Lead Length* (mm)
Bulk
Paper Reel (ø320mm)
Ammo Pack
Packaging
Straight
Incrimp
Straight
Incrimp
Lead Type
Series
yRated Voltage
1H
2A
2E
50V
100V
250V
Code
Rated Voltage
rCategory
Code
for General Use
for Heavy-duty
Category
N
H
uCapacitance
Expressed by three alphanumerics. The unit is in pico-farad (pF).
The first and second figures are significant digits, and the third
figure expresses the number of zeros that follow the two figures.
t
B3
y
2E
q
DS
u
101
r
H
e
9
A
o
w
N
i
Q92
*Lead Distance between Reference and Bottom Planes Except for Bulk.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com