Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC11FS2_2015 Datasheet(PDF) 1 Page - National Instruments Corporation

Part # EC11FS2_2015
Description  FRED
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

EC11FS2_2015 Datasheet(HTML) 1 Page - National Instruments Corporation

  EC11FS2_2015 Datasheet HTML 1Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1A Avg.
Volts
FRED
52
200
EC11FS2
■OUTLINE DRAWING(mm)
■最大定格 Maximum Ratings
■定格・特性曲線
■APPROX. NET WEIGHT:0.06g
■電気的・熱的特性 Electrical/ Thermal Characteristics
FORWARD CURRENT VS. VOLTAGE
順 電 圧 特 性
EC11FS2
0
0.4
0.8
1.2
1.6
2.0
INSTANTANEOUS FORWARD VOLTAGE (V)
瞬 時 順 電 圧 (V)
0.1
0.2
0.5
1
2
5
10
瞬
時
順
電
流
(A)
Tj=25
°C
Tj=150
°C
FIG.1
AVERAGE FORWARD CURRENT VS. AMBIENT TEMPERATURE
平 均 順 電 流 − 周 囲 温 度 定 格
EC11FS2
Alumina Substrate Mounted(Soldering Land=2
×2mm)
0
255075
100
125
150
AMBIENT TEMPERATURE (
°C)
周 囲 温 度 (℃)
0
0.4
0.8
1.2
1.6
平
均
順
電
流
(A)
HALF SINE WAVE
D.C.
RECT 180
°
RECT 120
°
RECT 60
°
0
°
180
°
通流角
CONDUCTION ANGLE
θ
FIG.4
SURGE CURRENT RATINGS
サ ー ジ 順 電 流 定 格
EC11FS2
f=50Hz,Half Sine Wave,Non-Repetitive,No Load
0.02
0.05
0.1
0.2
0.5
1
2
TIME (s)
時 間 (s)
0
4
8
12
16
20
サ
|
ジ
順
電
流
(A)
0.02s
I FSM
FIG.5
AVERAGE FORWARD POWER DISSIPATION
平 均 順 電 力 損 失 特 性
0
0.4
0.8
1.2
1.6
AVERAGE FORWARD CURRENT (A)
平 均 順 電 流 (A)
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
平
均
順
電
力
損
失
(W)
EC11FS2
HALF SINE WAVE
D.C.
RECT 180
°
RECT 120
°
RECT 60
°
0
°
180
°
通流角
CONDUCTION ANGLE
θ
FIG.2
AVERAGE FORWARD CURRENT VS. AMBIENT TEMPERATURE
平 均 順 電 流 − 周 囲 温 度 定 格
EC11FS2
Glass-Epoxy Substrate Mounted(Soldering Land=2
×2mm)
0
25
50
75
100
125
150
AMBIENT TEMPERATURE (
°C)
周 囲 温 度 (℃)
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
平
均
順
電
流
(A)
HALF SINE WAVE
D.C.
RECT 180
°
RECT 120
°
RECT 60
°
0
°
180
°
通流角
CONDUCTION ANGLE
θ
FIG.3
Item
Symbol
Conditions
Unit
平均整流電流
Average Rectified Forward Current
I O
50Hz、正弦半波通電抵抗負荷
50Hz Half Sine Wave Resistive Load
A
A
実効順電流
R.M.S. Forward Current
I F(RMS)
1.57
A
サージ順電流
Surge Forward Current
I FSM
20
50Hz正弦半波,1サイクル,非くり返し
50Hz Half Sine Wave,1cycle, Non-repetitive
A
保存温度範囲
Storage Temperature Range
T stg
−40∼+150
℃
くり返しピーク逆電圧
Repetitive Peak Reverse Voltage
V RRM
200
V
非くり返しピーク逆電圧
Non-repetitive Peak Reverse Voltage
V RSM
220
V
動作接合温度範囲
Operating Junction Temperature Range
T jw
−40∼+150
℃
Ta=25℃*1
0.81
Ta=34℃*2
1
Item
Conditions
ピーク逆電流
Peak Reverse Current
Tj=25℃, VRM=VRRM
熱抵抗
Thermal Resistance
接合部・周囲間
Junction to Ambient
Glass Epoxy Substrate Mounted*1
Min.
Typ.
Max.
−
−
10
−
−
157
Symbol
I RM
R th(j-a)
逆回復時間
Reverse Recovery Time
trr
IFM=1A, -di/dt=50 A/μs, Tj=25℃
−
−
30
Unit
μA
ns
℃/W
Alumina Substrate Mounted*2
−
−
108
℃/W
*1:プリント基板実装/Glass-Epoxy Substrate mounted (Soldering Lands= 2 × 2 mm , Both Sides)
*2:アルミナ基板実装/Alumina Substrate mounted (Soldering Lands= 2 × 2 mm , Both Sides)
ピーク順電圧
Peak Forward Voltage
V FM
Tj=25℃, IFM=1A
−
−
0.98
V


Similar Part No. - EC11FS2_2015

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
EC11FS2 NIEC-EC11FS2 Datasheet
30Kb / 2P
FRD LOW POWER LOSS, HIGH EFFICIENCY
logo
Kyocera Kinseki Corpota...
EC11FS2 KSS-EC11FS2 Datasheet
808Kb / 6P
Fast Recovery Diode
More results

Similar Description - EC11FS2_2015

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
20NFB60 NIEC-20NFB60 Datasheet
328Kb / 1P
FRED
30PFB60 NIEC-30PFB60 Datasheet
250Kb / 1P
FRED
EC10UA40 NIEC-EC10UA40 Datasheet
187Kb / 1P
FRED
ECF06B60 NIEC-ECF06B60 Datasheet
207Kb / 1P
FRED
ECF06B60-F NIEC-ECF06B60-F Datasheet
213Kb / 1P
FRED
ECU06A20 NIEC-ECU06A20 Datasheet
205Kb / 1P
FRED
ECU06A40 NIEC-ECU06A40 Datasheet
206Kb / 1P
FRED
FCU20B60 NIEC-FCU20B60 Datasheet
113Kb / 1P
FRED
FCU20UC30 NIEC-FCU20UC30 Datasheet
225Kb / 1P
FRED
FRU20UC30 NIEC-FRU20UC30 Datasheet
270Kb / 1P
FRED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com