Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA28F016SA-080 Datasheet(PDF) 9 Page - Intel Corporation

Part # DA28F016SA-080
Description  28F016SA 16-MBIT (1 MBIT X 16, 2 MBIT X 8)FlashFile MEMORY
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

DA28F016SA-080 Datasheet(HTML) 9 Page - Intel Corporation

Back Button DA28F016SA-080 Datasheet HTML 5Page - Intel Corporation DA28F016SA-080 Datasheet HTML 6Page - Intel Corporation DA28F016SA-080 Datasheet HTML 7Page - Intel Corporation DA28F016SA-080 Datasheet HTML 8Page - Intel Corporation DA28F016SA-080 Datasheet HTML 9Page - Intel Corporation DA28F016SA-080 Datasheet HTML 10Page - Intel Corporation DA28F016SA-080 Datasheet HTML 11Page - Intel Corporation DA28F016SA-080 Datasheet HTML 12Page - Intel Corporation DA28F016SA-080 Datasheet HTML 13Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 55 page
background image
E
28F016SA
9
2.1 Lead Descriptions (Continued)
Symbol
Type
Name and Function
RY/BY#
OPEN DRAIN
OUTPUT
READY/BUSY: Indicates status of the internal WSM. When low, it
indicates that the WSM is busy performing an operation. RY/BY# high
indicates that the WSM is ready for new operations (or WSM has
completed all pending operations), or block erase is suspended, or the
device is in deep power-down mode. This output is always active (i.e., not
floated to tri-state off when OE# or CE0#,CE1# are high), except if a
RY/BY# Pin Disable command is issued.
WP#
INPUT
WRITE PROTECT: Erase blocks can be locked by writing a nonvolatile
lock-bit for each block. When WP# is low, those locked blocks as
reflected by the Block-Lock Status bits (BSR.6), are protected from
inadvertent data programs or block erases. When WP# is high, all blocks
can be written or erased regardless of the state of the lock-bits. The WP#
input buffer is disabled when RP# transitions low (deep power-down
mode).
BYTE#
INPUT
BYTE ENABLE: BYTE# low places device in x8 mode. All data is then
input or output on DQ0–7, and DQ8–15 float. Address A0 selects between
the high and low byte. BYTE# high places the device in x16 mode, and
turns off the A0 input buffer. Address A1 then becomes the lowest order
address.
3/5#
INPUT
3.3/5.0 VOLT SELECT: 3/5# high configures internal circuits for 3.3V
operation. 3/5# low configures internal circuits for 5.0V operation.
NOTES:
Reading the array with 3/5# high in a 5.0V system could damage the
device.
There is a significant delay from 3/5# switching to valid data.
VPP
SUPPLY
ERASE/PROGRAM POWER SUPPLY: For erasing memory array blocks
or writing words/bytes/pages into the flash array.
VCC
SUPPLY
DEVICE POWER SUPPLY (3.3V ± 10%, 5.0V ± 10%, 5.0V ± 5%):
Do not leave any power pins floating.
GND
SUPPLY
GROUND FOR ALL INTERNAL CIRCUITRY:
Do not leave any ground pins floating.
NC
NO CONNECT:
Lead may be driven or left floating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com