Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAW101 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # BAW101
Description  Fast Switching Speed
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAW101 Datasheet(HTML) 1 Page - Diodes Incorporated

  BAW101 Datasheet HTML 1Page - Diodes Incorporated BAW101 Datasheet HTML 2Page - Diodes Incorporated BAW101 Datasheet HTML 3Page - Diodes Incorporated BAW101 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BAW101
Document number: DS32092 Rev. 3 - 2
1 of 4
www.diodes.com
June 2011
© Diodes Incorporated
BAW101
DUAL SURFACE MOUNT SWITCHING DIODE
Features
•
Fast Switching Speed
•
High Reverse Breakdown Voltage
•
Two Electrically Isolated Elements in a Single Compact Package
•
Low Leakage Current
•
Lead, Halogen and Antimony Free, RoHS Compliant (Note 1)
•
"Green" Device (Note 2)
Mechanical Data
•
Case: SOT143
•
Case Material: Molded Plastic. UL Flammability Classification
Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020
•
Lead Free Plating (Matte Tin Finish annealed over Alloy 42
leadframe).
•
Polarity: See Diagram Below
•
Weight: 0.008 grams (approximate)
Ordering Information (Note 3)
Part Number
Case
Packaging
BAW101-7
SOT143
3000/Tape & Reel
Notes:
1. No purposefully added lead. Halogen and Antimony free.
2. Diodes Inc.`s “Green” Policy can be found on our website at http://www.diodes.com
3. For packaging details, go to our website at http://www.diodes.com.
Marking Information
Date Code Key
Year
2011
2012
2013
2014
2015
2016
2017
Code
Y
Z
A
B
C
D
E
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Device Schematic
KT9 = Product Type Marking Code
YM = Date Code Marking
Y = Year (ex: Y = 2011)
M = Month (ex: 9 = September)
KT9


Similar Part No. - BAW101

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BAW101 SIEMENS-BAW101 Datasheet
61Kb / 3P
Silicon Switching Diode Array (Electrically insulated high-voltage medium-speed diodes)
logo
Central Semiconductor C...
BAW101 CENTRAL-BAW101 Datasheet
152Kb / 2P
DUAL, ISOLATED HIGH VOLTAGE SWITCHING DIODES
logo
Infineon Technologies A...
BAW101 INFINEON-BAW101 Datasheet
429Kb / 3P
Silicon Switching Diode
Sep-24-2003
logo
Guangdong Kexin Industr...
BAW101 KEXIN-BAW101 Datasheet
38Kb / 2P
Silicon Switching Diode Array
logo
Infineon Technologies A...
BAW101 INFINEON-BAW101 Datasheet
62Kb / 5P
Silicon Switching Diode
2007-04-20
More results

Similar Description - BAW101

ManufacturerPart #DatasheetDescription
logo
Surge Components
1N3004W SURGE-1N3004W Datasheet
393Kb / 3P
fast switching speed
logo
SHENZHEN YONGERJIA INDU...
MMBD4448AQW WINNERJOIN-MMBD4448AQW Datasheet
133Kb / 2P
Fast Switching Speed
logo
Nanjing International G...
BAV19W DGNJDZ-BAV19W Datasheet
111Kb / 3P
Fast switching speed
BAV19WS DGNJDZ-BAV19WS Datasheet
100Kb / 3P
Fast switching speed
BAV23A DGNJDZ-BAV23A Datasheet
308Kb / 1P
Fast Switching Speed
BAV23S DGNJDZ-BAV23S Datasheet
541Kb / 2P
Fast switching speed
logo
Inchange Semiconductor ...
2SK310 ISC-2SK310 Datasheet
65Kb / 2P
Fast Switching Speed
2SK387 ISC-2SK387 Datasheet
67Kb / 2P
Fast Switching Speed
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com