Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5231 Datasheet(PDF) 9 Page - Analog Devices

Part # AD5231
Description  Nonvolatile Memory, 1024-Position Digital Potentiometer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5231 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD5231 Datasheet HTML 5Page - Analog Devices AD5231 Datasheet HTML 6Page - Analog Devices AD5231 Datasheet HTML 7Page - Analog Devices AD5231 Datasheet HTML 8Page - Analog Devices AD5231 Datasheet HTML 9Page - Analog Devices AD5231 Datasheet HTML 10Page - Analog Devices AD5231 Datasheet HTML 11Page - Analog Devices AD5231 Datasheet HTML 12Page - Analog Devices AD5231 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
Data Sheet
AD5231
Rev. D | Page 9 of 28
TYPICAL PERFORMANCE CHARACTERISTICS
CODE (Decimal)
0
1.5
0
–1.0
1.0
0.5
256
512
768
1024
–0.5
128
384
640
896
TA = +85°C
TA = +25°C
TA = –40°C
Figure 6. INL vs. Code, TA = −40°C, +25°C, +85°C Overlay, RAB = 10 kΩ
CODE (Decimal)
0
–2.0
2.0
1.0
–1.0
0
256
512
768
1024
128
384
640
896
–0.5
1.5
0.5
–1.5
VDD = 5V, VSS = 0V
TA = +85°C
TA = +25°C
TA = –40°C
Figure 7. DNL vs. Code, TA = −40°C, +25°C, +85°C Overlay, RAB = 10 kΩ
CODE (Decimal)
0
–1.0
1.0
0.5
–0.5
0
256
512
768
1024
128
384
640
896
TA = +85°C
TA = +25°C
TA = –40°C
VDD = 5V, VSS = 0V
Figure 8. R-INL vs. Code, TA = −40°C, +25°C, +85°C Overlay, RAB = 10 kΩ
CODE (Decimal)
0
128
256
384
512
640
768
896
1024
2.0
1.5
1.0
0.5
0
–2.0
–1.5
–1.0
–0.5
VDD = 5V, VSS = 0V
TA = +85°C
TA = +25°C
TA = –40°C
Figure 9. R-DNL vs. Code, TA = −40°C, +25°C, +85°C Overlay, RAB = 10 kΩ
CODE (Decimal)
3000
0
256
512
768
1024
128
384
640
896
2500
2000
1500
1000
500
0
VDD = 5.5V, VSS = 0V
TA = –40°C TO +85°C
Figure 10. (∆RWB/RWB)/∆T × 106
CODE (Decimal)
100
0
256
512
768
1024
128
384
640
896
80
60
40
20
0
–20
VDD = 5.5V, VSS = 0V
TA = –40°C TO +85°C
VB = 0V
VA = 2.00V
Figure 11. (∆VW/VW)/∆T × 106



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com