Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HKP-HH Datasheet(PDF) 2 Page - Cooper Bussmann, Inc.

Part # HKP-HH
Description  HKP Panel-Mount Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

HKP-HH Datasheet(HTML) 2 Page - Cooper Bussmann, Inc.

  HKP-HH Datasheet HTML 1Page - Cooper Bussmann, Inc. HKP-HH Datasheet HTML 2Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Packaging
Packaging Code Prefix
Description
Blank
10 fuseholders packed into a carton
BK
100 fuseholder components packed separately into a carton
Option Code
Option Code Suffix
Description
-R
RoHS compliant version
Specifications
Product
Feature
Voltage
Current
Code
Rating
Rating
HKP
Standard
250V
30A
HKP-BBHH
1
⁄4" Quick-Connects, nut and washer assembled
250V
15A
HKP-HH
1
⁄4" Quick-Connects
250V
15A
HKP-L
2250 stand-off barrier
250V
30A
HKP-LW-HH
Drip-proof knob, 2250V stand-off barrier and 1⁄4" quick connects
250V
15A
HKP-OO
Snap-lock
250V
30A
HKP-W
Drip-proof knob
250V
30A
© 2008 Cooper Bussmann
St. Louis, MO 63178
www.cooperbussmann.com
0608
BU-SB07473
Page 2 of 2
Data Sheet 2106
The only controlled copy of this Data Sheet is the electronic read-only version located on the Cooper Bussmann Network Drive. All other copies of this document are by definition uncontrolled. This bulletin is
intended to clearly present comprehensive product data and provide technical information that will help the end user with design applications. Cooper Bussmann reserves the right, without notice, to change
design or construction of any products and to discontinue or limit distribution of any products. Cooper Bussmann also reserves the right to change or update, without notice, any technical information contained
in this bulletin. Once a product has been selected, it should be tested by the user in all possible applications.
Life Support Policy: Cooper Bussmann does not authorize the use of any of its products for use in life support devices or systems without the express written approval of an officer of the Company. Life support
systems are devices which support or sustain life, and whose failure to perform, when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in
significant injury to the user.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com