Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2220SDF-R47 Datasheet(PDF) 1 Page - Frontier Electronics.

Part # 2220SDF-R47
Description  SMD SQUARE DRUM FERRITE-CORE INDUCTORS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

2220SDF-R47 Datasheet(HTML) 1 Page - Frontier Electronics.

  2220SDF-R47 Datasheet HTML 1Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2220SDF Series – SMD SQUARE DRUM FERRITE-CORE INDUCTORS
Rev. A
A. Electrical Specifications:
Part No.
Mark
L (uH)
Tol.
Test Freq.
SRF Min (MHz) DCR (
Ω) Max. IDC Max. (A)
2220SDF-R12_
R12
0.12
M
1.0 MHz/1.0V rms
450
0.0098
6.00
2220SDF-R27_
R27
0.27
M
1.0 MHz/1.0V rms
300
0.0140
5.30
2220SDF-R47_
R47
0.47
M
1.0 MHz/1.0V rms
250
0.0182
4.80
2220SDF-1R0_
1R0
1.00
M
1.0 MHz/1.0V rms
150
0.0272
4.00
2220SDF-1R5_
1R5
1.50
M
1.0 MHz/1.0V rms
110
0.0310
3.70
2220SDF-2R2_
2R2
2.20
M
1.0 MHz/1.0V rms
80.0
0.0410
3.20
2220SDF-3R3_
3R3
3.30
M
1.0 MHz/1.0V rms
40.0
0.0504
2.90
2220SDF-4R7_
4R7
4.70
M
1.0 MHz/1.0V rms
30.0
0.0574
2.70
2220SDF-6R8_
6R8
6.80
M
1.0 MHz/1.0V rms
25.0
0.1040
2.00
2220SDF-100_
100
10.0
M, K
1.0 MHz/1.0V rms
20.0
0.1300
1.70
2220SDF-150_
150
15.0
M, K
1.0 MHz/1.0V rms
17.0
0.2100
1.40
2220SDF-220_
220
22.0
M, K
1.0 MHz/1.0V rms
15.0
0.2660
1.20
2220SDF-330_
330
33.0
M, K
1.0 MHz/1.0V rms
12.0
0.4480
0.90
2220SDF-470_
470
47.0
M, K
1.0 MHz/1.0V rms
10.0
0.5600
0.80
2220SDF-680_
680
68.0
M, K
1.0 MHz/1.0V rms
7.60
0.9380
0.64
2220SDF-101_
101
100
M, K
100 KHz/1.0V rms
6.50
1.204
0.56
2220SDF-151_
151
150
M, K
100 KHz/1.0V rms
5.00
2.660
0.42
2220SDF-221_
221
220
M, K
100 KHz/1.0V rms
4.00
3.360
0.32
2220SDF-331_
331
330
M, K
100 KHz/1.0V rms
3.10
6.160
0.27
2220SDF-471_
471
470
M, K
100 KHz/1.0V rms
2.40
7.560
0.24
2220SDF-681_
681
680
M, K
100 KHz/1.0V rms
1.90
11.34
0.19
2220SDF-102_
102
1000
M, K
10 KHz/1.0V rms
1.70
14.42
0.15
2220SDF-222_
222
2200
M, K
10 KHz/1.0V rms
1.20
30.10
0.10
2220SDF-472_
472
4700
M, K
10 KHz/1.0V rms
0.80
61.04
0.07
2220SDF-103_
103
10000
M, K
10 KHz/1.0V rms
0.50
140.0
0.05
B. Dimensions: mm (Inch)
SERIES
A
B
C
D
E
F
Type
2220SDF
5.7
(0.224)
5.0
(0.197)
4.7
(0.185)
1.7
(0.067)
1.3
(0.051)
5.0
(0.197)
2
Tol
± 0.30
(0.012)
± 0.30
(0.012)
± 0.30
(0.012)
Min.
Min.
Ref.
Type 2
C. General Information:
1.
P/N: 2220SDF-xxx_: “2220SDF” = Type, “xxx” = Inductance, “_” = Tolerance.
2.
Tolerance “_” : M: ±20%, K: ± 10%.
3.
Operating temperature: -25ºC to +85ºC; Electrical specifications at +25ºC.
4.
Inductance measured on the HP4284A LCR meter; DCR measured on the 502BC milli-ohm meter.
5.
Inductance drops no more than 10% at rated I sat; Temperature rises Δ t < 15ºC (typical) at rated I rms.
6.
Inductance and Current Range: From 0.12 uH (6000 mA) to 10000 uH (50 mA)
7.
SRF: From 0.5 MHz to 450 MHz
8.
Suitable for IR re-flows soldering; Tape and reel packing.
9.
MSL: Level 1.
D. Applications:
1.
Power supply line chokes.
2.
DC-DC Converters.
3.
Notebooks.
4.
Filters.
5.
Telecommunication devices.
Frontier Electronics Corp.
®
Page 1 of 1
667 E. Cochran St., Simi Valley, CA 93065
http://www.frontierusa.com
Phone: 1-805-522-9998, Fax: 1-805-522-9989


Similar Part No. - 2220SDF-R47

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
2220SDF-R47 FRONTIER-2220SDF-R47 Datasheet
97Kb / 1P
SMD Square Drum Ferrite-core Inductors
2220SDF-R47 FRONTIER-2220SDF-R47 Datasheet
103Kb / 1P
SMD Square Drum Ferrite-core Inductors
More results

Similar Description - 2220SDF-R47

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
1206SDF FRONTIER-1206SDF Datasheet
96Kb / 1P
SMD Square Drum Ferrite-core Inductors
1210SDF FRONTIER-1210SDF Datasheet
97Kb / 1P
SMD Square Drum Ferrite-core Inductors
1812SDF FRONTIER-1812SDF Datasheet
97Kb / 1P
SMD Square Drum Ferrite-core Inductors
2220SDF FRONTIER-2220SDF Datasheet
97Kb / 1P
SMD Square Drum Ferrite-core Inductors
1206SDF-R12 FRONTIER-1206SDF-R12 Datasheet
102Kb / 1P
SMD Square Drum Ferrite-core Inductors
1210SDF-1R0 FRONTIER-1210SDF-1R0 Datasheet
103Kb / 1P
SMD Square Drum Ferrite-core Inductors
1812SDF-1R0J-LFR FRONTIER-1812SDF-1R0J-LFR Datasheet
102Kb / 1P
SMD Square Drum Inductors
2220SDF-R12 FRONTIER-2220SDF-R12 Datasheet
103Kb / 1P
SMD Square Drum Ferrite-core Inductors
1206SDFC FRONTIER-1206SDFC Datasheet
139Kb / 2P
SMD SQUARE DRUM INDUCTORS
1210SDF FRONTIER-1210SDF_15 Datasheet
118Kb / 1P
SMD SQUARE DRUM FERRITE-CORE INDUCTORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com