Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3361I-R10JH Datasheet(PDF) 1 Page - Frontier Electronics.

Part # 3361I-R10JH
Description  RF SIGNAL CHOKES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

3361I-R10JH Datasheet(HTML) 1 Page - Frontier Electronics.

  3361I-R10JH Datasheet HTML 1Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
3261I Series – RF SIGNAL CHOKES
Rev. A
A. Electrical Specifications:
Part
Number
Color Dots
Inductance
(nH) ± 5%
Q
(Min.)
Test Freq.
(MHz)
DCR (
Ω)
Max.
Rated
Current
(mA)
1
2
3
3361I-90NJH
BLK
WHT
BLK
90
80
100
0.035
600
3361I-R10JH
BRN
BLK
BLK
100
80
100
0.035
600
3361I-R11JH
BRN
BRN
BLK
110
80
100
0.035
600
3361I-R12JH
BRN
RED
BLK
120
80
100
0.035
600
3361I-R13JH
BRN
ORG
BLK
130
80
100
0.035
600
3361I-R14JH
BRN
YEL
BLK
140
80
100
0.045
600
3361I-R15JH
BRN
GRN
BLK
150
80
100
0.045
600
3361I-R17JH
BRN
BLU
GRN
165
80
100
0.045
600
3361I-R18JH
BRN
GRY
BLK
180
80
100
0.045
600
3361I-R20JH
RED
BLK
BLK
200
80
100
0.045
600
3361I-R22JH
RED
RED
BLK
220
80
100
0.058
600
3361I-R24JH
RED
YEL
BLK
240
70
100
0.058
600
3361I-R28JH
RED
GRY
BLK
280
70
100
0.058
600
3361I-R31JH
ORG
BRN
BLK
310
70
100
0.058
600
3361I-R35JH
ORG
GRN
BLK
350
70
100
0.058
600
Note: “J”: Tolerance ±5%, H – Internal control code.
B. Dimensions: mm (Inch)
Series
a
b
c
d
e
f
g
h
3361I Series
6.0
(0.236)
6.0
(0.236)
9.0
(0.354)
6.5
(0.256)
3.0
(0.118)
0.5
(0.020)
4.5
(0.177)
4.5
(0.177)
Tol.
±0.5
(0.020)
±0.5
(0.020)
+1.0 (0.039)
-0.5 (0.020)
Max.
+1.0 (0.039)
-0.5 (0.020)
±0.05
(0.002)
±0.5
(0.020)
±0.5
(0.020)
C. General Information:
1.
For high frequency up to 1.0GHz.
2.
High Q up to 150MHz.
3.
Electrical specifications at 25
°C.
4.
Temperature stability: 150ppm/
°C.
5.
Operating temperature: -30
°C to +85°C
6.
Unspecified values and stricter tolerance less than 1% are available upon request.
7.
MSL: Level 1.
D. Applications:
1.
Computers & Game Consoles
2.
Set Top Boxes & Cables Modems
3.
Mobile Communication Devices (Radios, etc.)
4.
LCD, DVD, BRP
5.
For LC filters, CATV diplex filters.
Frontier Electronics Corp.
®
Page 1 of 1
667 E. Cochran St., Simi Valley, CA 93065
http://www.frontierusa.com
Phone: 1-805-522-9998, Fax: 1-805-522-9989


Similar Part No. - 3361I-R10JH

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
3361I-090 FRONTIER-3361I-090 Datasheet
132Kb / 1P
RF Signal Choke
3361I-100 FRONTIER-3361I-100 Datasheet
132Kb / 1P
RF Signal Choke
3361I-110 FRONTIER-3361I-110 Datasheet
132Kb / 1P
RF Signal Choke
3361I-120 FRONTIER-3361I-120 Datasheet
132Kb / 1P
RF Signal Choke
3361I-130 FRONTIER-3361I-130 Datasheet
132Kb / 1P
RF Signal Choke
More results

Similar Description - 3361I-R10JH

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CLP82 SUMIDA-CLP82 Datasheet
146Kb / 1P
SIGNAL COMMON MODE CHOKES
CRR32 SUMIDA-CRR32 Datasheet
187Kb / 1P
SIGNAL COMMON MODE CHOKES
logo
Bourns Electronic Solut...
70F BOURNS-70F Datasheet
1Mb / 1P
VARNISHED RF CHOKES
logo
Frontier Electronics.
11407 FRONTIER-11407_15 Datasheet
115Kb / 2P
HIGH CURRENT RF CHOKES
logo
TDK Electronics
B78108E1101M000 TDK-B78108E1101M000 Datasheet
550Kb / 8P
RF chokes, BC series
B78108S1185J009 TDK-B78108S1185J009 Datasheet
615Kb / 9P
RF chokes, BC series
B78148E1101M000 TDK-B78148E1101M000 Datasheet
550Kb / 8P
RF chokes, BC series
B78148S1102K000 TDK-B78148S1102K000 Datasheet
615Kb / 9P
RF chokes, BC series
B82141A1102K000 TDK-B82141A1102K000 Datasheet
615Kb / 9P
RF chokes, SBC series
logo
Abracon Corporation
ACMS-1065 ABRACON-ACMS-1065 Datasheet
815Kb / 6P
Signal Common Mode Chokes
06-29-22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com