Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFS2001 Datasheet(PDF) 1 Page - Frontier Electronics.

Part # CFS2001
Description  WIRE WOUND COMMON MODE FILTERS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

CFS2001 Datasheet(HTML) 1 Page - Frontier Electronics.

  CFS2001 Datasheet HTML 1Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CFS2001 Series –WIRE WOUND COMMON MODE FILTERS Rev. A
A. Electrical Specifications:
Part
Number
Inductance Min.
(mH)
DCR Max.
(Ω)
Rated Current
(A)
CFS2001-01
1.0
0.10
2.0
CFS2001-02
1.5
0.17
1.7
CFS2001-03
2.0
0.20
1.5
CFS2001-04
2.5
0.30
1.3
CFS2001-05
4.0
0.50
1.0
CFS2001-06
6.8
0.90
0.8
CFS2001-07
10
1.10
0.7
CFS2001-08
12
1.50
0.6
CFS2001-09
18
1.70
0.5
CFS2001-10
22
2.00
0.4
CFS2001-11
33
3.20
0.3
Note: CFS2001-xx: “CFS2001” = P/N, “20”= Size, “01”= Type, “xx” = Dash number.
B. Dimensions: mm (Inch)
Series
a
b
c
d
e
f
g
h
i
CFS2001 Series
18.0
(0.709)
Ø0.8
(0.031)
10.0
(0.394)
22.0
(0.866)
23.0
(0.906)
4.0
(0.157)
13.0
(0.512)
10.0
(0.394)
13.0
(0.512)
Tol.
Max.
Typ.
±0.5
(0.020)
Max.
Max.
±1.0
(0.039)
±0.5
(0.020)
Typ.
Typ.
C. General Information:
1. P/N: CFS2001-xx, “CFS2001” = Size & Type, “xx” = Dash number.
2. Inductance measurement condition: 1.0 KHz, at 25°C.
3. Temperature Rise: 45°C Max.
4. Withstanding Voltage: 1500VAC for one minute between each winding.
5. MSL: Level 1.
D. Applications:
1.
Game Consoles
2.
Set Top Boxes
3.
Cables Modems
4.
Computers
5.
Mobile Communication Devices (Radios, etc.)
6.
LCD, DVD, BRP
Frontier Electronics Corp.
®
Page 1 of 1
667 E. Cochran St., Simi Valley, CA 93065
http://www.frontierusa.com
Phone: 1-805-522-9998, Fax: 1-805-522-9989


Similar Part No. - CFS2001

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
CFS2001 FRONTIER-CFS2001 Datasheet
99Kb / 1P
Common Mode Line Filters
CFS2001-01 FRONTIER-CFS2001-01 Datasheet
99Kb / 1P
Common Mode Line Filters
CFS2001-02 FRONTIER-CFS2001-02 Datasheet
99Kb / 1P
Common Mode Line Filters
CFS2001-03 FRONTIER-CFS2001-03 Datasheet
99Kb / 1P
Common Mode Line Filters
CFS2001-04 FRONTIER-CFS2001-04 Datasheet
99Kb / 1P
Common Mode Line Filters
More results

Similar Description - CFS2001

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
HCMC0805-670MFS DELTA-HCMC0805-670MFS Datasheet
214Kb / 2P
WIRE- WOUND COMMON MODE CHOKE
logo
Frontier Electronics.
CFS2401 FRONTIER-CFS2401 Datasheet
152Kb / 1P
WIRE WOUND COMMON MODE FILTERS
CFS2402 FRONTIER-CFS2402 Datasheet
152Kb / 1P
WIRE WOUND COMMON MODE FILTERS
CFS2801 FRONTIER-CFS2801 Datasheet
151Kb / 1P
WIRE WOUND COMMON MODE FILTERS
CFS2802 FRONTIER-CFS2802 Datasheet
151Kb / 1P
WIRE WOUND COMMON MODE FILTERS
CFS3501 FRONTIER-CFS3501_15 Datasheet
128Kb / 1P
WIRE WOUND COMMON MODE FILTERS
CFU1001 FRONTIER-CFU1001_15 Datasheet
164Kb / 1P
WIRE WOUND COMMON MODE FILTERS
CFU1101 FRONTIER-CFU1101_15 Datasheet
110Kb / 1P
WIRE WOUND COMMON MODE FILTERS
CFU1602 FRONTIER-CFU1602_15 Datasheet
114Kb / 1P
WIRE WOUND COMMON MODE FILTERS
logo
WALSIN TECHNOLOGY CORPO...
WTCF2012 WALSIN-WTCF2012 Datasheet
263Kb / 6P
Wire wound type common mode choke
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com