Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CF252018-R39 Datasheet(PDF) 1 Page - Frontier Electronics.

Part # CF252018-R39
Description  SMD MOLDED WIRE WOUND FERRITE CHIP INDUCTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

CF252018-R39 Datasheet(HTML) 1 Page - Frontier Electronics.

  CF252018-R39 Datasheet HTML 1Page - Frontier Electronics. CF252018-R39 Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CF252018 Series – SMD MOLDED WIRE WOUND FERRITE CHIP INDUCTORS
Rev. A
A. Electrical Specifications:
P/N
L(uH)
Tol.
Q Min.
TestFreq.(MHz)
SRF Min.(MHz)
DCR Max. (
Ω)
Rated Current Max.(mA)
CF252018-10N_
0.010
M, K, J
15
100
2150
0.26
530
CF252018-12N_
0.012
M, K, J
15
100
2050
0.27
500
CF252018-15N_
0.015
M, K, J
15
100
2000
0.29
480
CF252018-18N_
0.018
M, K, J
15
100
1850
0.31
450
CF252018-22N_
0.022
M, K, J
15
100
1650
0.37
420
CF252018-27N_
0.027
M, K, J
15
100
1550
0.40
410
CF252018-33N_
0.033
M, K, J
20
100
1450
0.42
400
CF252018-39N_
0.039
M, K, J
20
100
1350
0.45
380
CF252018-47N_
0.047
M, K, J
20
100
1200
0.50
360
CF252018-56N_
0.056
M, K, J
20
100
1100
0.60
340
CF252018-68N_
0.068
M, K, J
20
100
1050
0.65
320
CF252018-82N_
0.082
M, K, J
20
100
900
0.75
300
CF252018-R10_
0.10
M, K, J
20
100
800
0.80
280
CF252018-R12_
0.12
M, K, J
30
25.2
700
0.30
550
CF252018-R15_
0.15
M, K, J
30
25.2
550
0.35
500
CF252018-R18_
0.18
M, K, J
30
25.2
500
0.40
460
CF252018-R22_
0.22
M, K, J
30
25.2
450
0.50
430
CF252018-R27_
0.27
M, K, J
30
25.2
425
0.55
420
CF252018-R33_
0.33
M, K, J
30
25.2
400
0.60
400
CF252018-R39_
0.39
M, K, J
30
25.2
375
0.65
375
CF252018-R47_
0.47
M, K, J
30
25.2
350
0.68
350
CF252018-R56_
0.56
M, K, J
30
25.2
325
0.75
325
CF252018-R68_
0.68
M, K, J
30
25.2
300
0.85
300
CF252018-R82_
0.82
M, K, J
30
25.2
260
1.00
260
CF252018-1R0_
1.0
K, J
30
7.96
245
1.10
245
CF252018-1R2_
1.2
K, J
30
7.96
230
1.20
230
CF252018-1R5_
1.5
K, J
30
7.96
182
1.30
220
CF252018-1R8_
1.8
K, J
30
7.96
135
1.45
210
CF252018-2R2_
2.2
K, J
30
7.96
105
1.55
200
CF252018-2R7_
2.7
K, J
30
7.96
70
1.70
195
CF252018-3R3_
3.3
K, J
30
7.96
55
1.90
185
CF252018-3R9_
3.9
K, J
30
7.96
48
2.10
180
CF252018-4R7_
4.7
K, J
30
7.96
43
2.30
175
CF252018-5R6_
5.6
K, J
25
7.96
42
2.50
170
CF252018-6R8_
6.8
K, J
25
7.96
39
2.70
165
CF252018-8R2_
8.2
K, J
25
7.96
36
3.05
160
CF252018-100_
10.0
K, J
25
2.52
33
3.50
155
CF252018-120_
12.0
K, J
25
2.52
30
3.80
150
CF252018-150_
15.0
K, J
25
2.52
26
4.40
140
CF252018-180_
18.0
K, J
25
2.52
24
4.80
130
CF252018-220_
22.0
K, J
25
2.52
22
5.50
125
CF252018-270_
27.0
K, J
25
2.52
21
6.30
115
CF252018-330_
33.0
K, J
25
2.52
20
7.10
110
CF252018-390_
39.0
K, J
20
2.52
18
9.50
90
CF252018-470_
47.0
K, J
20
2.52
17
11.10
80
CF252018-560_
56.0
K, J
20
2.52
16
12.10
75
CF252018-680_
68.0
K, J
20
2.52
15
16.60
70
CF252018-820_
82.0
K, J
20
2.52
13
19.00
66
CF252018-101_
100.0
K, J
15
0.796
12
21.00
60
B. Dimensions: mm (Inch)
Series
a
b
c
d
e
f
g
h
CF252018
2.8
(0.110)
2.0
(0.079)
1.8
(0.071)
0.4
(0.016)
1.4
(0.055)
1.5
(0.059))
1.0
(0.039)
1.5
(0.059)
Tol.
±0.3
(0.012)
±0.1
(0.004)
±0.1
(0.004)
Typ.
±0.1
(0.004)
Typ.
Typ.
Typ.
Frontier Electronics Corp.
®
Page 1 of 2
667 E. Cochran St., Simi Valley, CA 93065
http://www.frontierusa.com
Phone: 1-805-522-9998, Fax: 1-805-522-9989


Similar Part No. - CF252018-R39

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
CF2520G10ST SCHNEIDER-CF2520G10ST Datasheet
79Kb / 2P
BUSWAY STRAIGHT LENGTH 10FT 2000A INDOOR
Jun 3, 2020
CF2520G18ST SCHNEIDER-CF2520G18ST Datasheet
63Kb / 2P
BUSWAY 18 INCH STRAIGHT 2000A, INDOOR
Jun 3, 2020
CF2520G6ST SCHNEIDER-CF2520G6ST Datasheet
79Kb / 2P
BUSWAY STRAIGHT LENGTH 6 FT 2000A
Jun 3, 2020
More results

Similar Description - CF252018-R39

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
0805F FRONTIER-0805F Datasheet
79Kb / 2P
SMD Wire Wound Ferrite Chip Inductors
1306F FRONTIER-1306F Datasheet
84Kb / 3P
SMD Molded Wire Wound Ferrite Chip Inductors
CF322522 FRONTIER-CF322522 Datasheet
57Kb / 3P
Molded Wire Wound Ferrite Chip Inductors
CF453232 FRONTIER-CF453232 Datasheet
51Kb / 3P
Molded Wire Wound Ferrite Chip Inductors
0805F-78NK FRONTIER-0805F-78NK Datasheet
86Kb / 2P
SMD Wire Wound Ferrite Chip Inductors
1008F-47NM FRONTIER-1008F-47NM Datasheet
72Kb / 3P
SMD Wire Wound Ferrite Chip Inductors
1306F-10NM FRONTIER-1306F-10NM Datasheet
90Kb / 3P
SMD Molded Wire Wound Ferrite Chip Inductors
logo
List of Unclassifed Man...
SQC ETC2-SQC Datasheet
463Kb / 7P
SMD Wire Wound Ferrite Chip Inductors
logo
Frontier Electronics.
0603LS FRONTIER-0603LS Datasheet
242Kb / 3P
SMD WIRE WOUND FERRITE CHIP INDUCTORS
0805F FRONTIER-0805F_15 Datasheet
179Kb / 2P
SMD WIRE WOUND FERRITE CHIP INDUCTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com