Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5253 Datasheet(PDF) 2 Page - Analog Devices

Part # AD5253
Description  Quad 64-/256-Position IC Nonvolatile Memory Digital Potentiometers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5253 Datasheet(HTML) 2 Page - Analog Devices

  AD5253 Datasheet HTML 1Page - Analog Devices AD5253 Datasheet HTML 2Page - Analog Devices AD5253 Datasheet HTML 3Page - Analog Devices AD5253 Datasheet HTML 4Page - Analog Devices AD5253 Datasheet HTML 5Page - Analog Devices AD5253 Datasheet HTML 6Page - Analog Devices AD5253 Datasheet HTML 7Page - Analog Devices AD5253 Datasheet HTML 8Page - Analog Devices AD5253 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
AD5253/AD5254
Data Sheet
Rev. C | Page 2 of 32
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
General Description ......................................................................... 1
Functional Block Diagram .............................................................. 1
Revision History ............................................................................... 2
Electrical Characteristics ................................................................. 3
1 kΩ Version.................................................................................. 3
10 kΩ, 50 kΩ, 100 kΩ Versions .................................................. 5
Interface Timing Characteristics................................................ 7
Absolute Maximum Ratings............................................................ 8
ESD Caution.................................................................................. 8
Pin Configuration and Function Descriptions............................. 9
Typical Performance Characteristics ........................................... 10
I2C Interface..................................................................................... 14
I2C Interface General Description............................................ 14
I2C Interface Detail Description............................................... 15
I2C-Compatible 2-Wire Serial Bus........................................... 20
Theory of Operation ...................................................................... 21
Linear Increment/Decrement Commands ............................. 21
±6 dB Adjustments (Doubling/Halving Wiper Setting) ....... 21
Digital Input/Output Configuration........................................ 22
Multiple Devices on One Bus ................................................... 22
Terminal Voltage Operation Range ......................................... 23
Power-Up and Power-Down Sequences.................................. 23
Layout and Power Supply Biasing............................................ 23
Digital Potentiometer Operation ............................................. 24
Programmable Rheostat Operation......................................... 24
Programmable Potentiometer Operation ............................... 25
Applications Information .............................................................. 26
RGB LED Backlight Controller for LCD Panels .................... 26
Outline Dimensions....................................................................... 28
Ordering Guide .......................................................................... 29
REVISION HISTORY
9/12—Rev. B to Rev. C
Changed Temperature Range from –40°C to +85°C to –40°C
to +105°C (Throughout).................................................................. 1
Changed WP Leakage Current from 5 µA to 8 µA, Table 1........ 4
Changed WP Leakage Current from 5 µA to 8 µA, Table 2........ 5
Changes to Figure 11 and Figure 12............................................. 12
Changes to Ordering Guide .......................................................... 29
10/09—Rev. A to Rev. B
Change to Figure 27 ....................................................................... 15
9/05—Rev. 0 to Rev. A
Change to Figure 6 ......................................................................... 10
Change to EEMEM Write Protection Section............................ 18
Changes to Figure 37...................................................................... 22
Deleted Table 13 and Table 14 ...................................................... 24
Change to Figure 43 ....................................................................... 25
Changes to Ordering Guide.......................................................... 29
5/03—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com