Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80960CF-30 Datasheet(PDF) 3 Page - Intel Corporation

Part # 80960CF-30
Description  SPECIAL ENVIRONMENT 80960CF-30, -25, -16 32-BIT HIGH-PERFORMANCE SUPERSCALAR PROCESSOR
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960CF-30 Datasheet(HTML) 3 Page - Intel Corporation

  80960CF-30 Datasheet HTML 1Page - Intel Corporation 80960CF-30 Datasheet HTML 2Page - Intel Corporation 80960CF-30 Datasheet HTML 3Page - Intel Corporation 80960CF-30 Datasheet HTML 4Page - Intel Corporation 80960CF-30 Datasheet HTML 5Page - Intel Corporation 80960CF-30 Datasheet HTML 6Page - Intel Corporation 80960CF-30 Datasheet HTML 7Page - Intel Corporation 80960CF-30 Datasheet HTML 8Page - Intel Corporation 80960CF-30 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 62 page
background image
Special Environment 80960CF-30 -25 -16
32-Bit High Performance Superscalar Processor
CONTENTS
PAGE
10 PURPOSE
5
20 i960 CF PROCESSOR
OVERVIEW
5
21 The C-Series Core
6
22 Pipelined Burst Bus
6
23 Flexible DMA Controller
6
24 Priority Interrupt Controller
6
25 Instruction Set Summary
7
30 PACKAGE INFORMATION
8
31 Package Introduction
8
32 Pin Descriptions
8
33 80960CF Pinout
14
34 Mechanical Data
18
35 Package Thermal Specifications
20
36 Stepping Register Information
21
37 Suggested Sources for 80960CF
Accessories
21
40 ELECTRICAL SPECIFICATIONS
22
41 Absolute Maximum Ratings
22
42 Operating Conditions
22
43 Recommended Connections
22
44 DC Specifications
23
45 AC Specifications
24
50 RESET BACKOFF AND HOLD
ACKNOWLEDGE
35
60 BUS WAVEFORMS
36
CONTENTS
PAGE
FIGURES
Figure 1
80960CF Die Photo
2
Figure 2
80960CF Block Diagram
5
Figure 3
Example Pin Description
Entry
8
Figure 4a
80960CF PGA Pinout (View
from Top Side)
16
Figure 4b
80960CF PGA Pinout (View
from Bottom Side)
17
Figure 5
168-Lead Ceramic PGA
Package Dimensions
18
Figure 6
80960CF PGA Package
Thermal Characteristics
20
Figure 7
Measuring 80960CF PGA
Case Temperature
21
Figure 8
Register G0
21
Figure 9
AC Test Load
30
Figure 10a Input and Output Clocks
Waveform
30
Figure 10b CLKIN Waveform
30
Figure 11
Output Delay and Float
Waveform
31
Figure 12a Input Setup and Hold
Waveform
31
Figure 12b NMI XINT70 Input Setup
and Hold Waveform
31
Figure 13
Hold Acknowledge
Timings
32
Figure 14
Bus Back-Off (BOFF)
Timings
32
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com