Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80960CF-25 Datasheet(PDF) 21 Page - Intel Corporation

Part # 80960CF-25
Description  SPECIAL ENVIRONMENT 80960CF-30, -25, -16 32-BIT HIGH-PERFORMANCE SUPERSCALAR PROCESSOR
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960CF-25 Datasheet(HTML) 21 Page - Intel Corporation

Back Button 80960CF-25 Datasheet HTML 17Page - Intel Corporation 80960CF-25 Datasheet HTML 18Page - Intel Corporation 80960CF-25 Datasheet HTML 19Page - Intel Corporation 80960CF-25 Datasheet HTML 20Page - Intel Corporation 80960CF-25 Datasheet HTML 21Page - Intel Corporation 80960CF-25 Datasheet HTML 22Page - Intel Corporation 80960CF-25 Datasheet HTML 23Page - Intel Corporation 80960CF-25 Datasheet HTML 24Page - Intel Corporation 80960CF-25 Datasheet HTML 25Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 62 page
background image
SPECIAL ENVIRONMENT 80960CF-30 -25 -16
271328 – 7
Figure 7 Measuring 80960CF PGA Case
Temperature
36 Stepping Register Information
Upon Reset Register G0 contains die stepping in-
formation The following figure shows how G0 is
configured The most significant byte contains an
ASCII 0 The upper middle byte contains an ASCII C
The lower middle byte contains an ASCII F The
least significant byte contains the stepping number
in ASCII G0 retains this information until it is written
over by the user program
Table 9 contains a cross reference of the number in
the least significant byte of register G0 to the die
stepping number
ASCII
00
43
46
Stepping Number
DECIMAL
0
C
F
Stepping Number
MSB
LSB
Figure 8 Register G0
Table 9 Die Stepping Cross Reference
G0 Least
Die Stepping
Significant Byte
01
A
02
B
03
C
04
D
05
E
37 Suggested Sources for 80960CF
Accessories
The following are some suggested sources of ac-
cessories for the 80960CF They are neither an
endorsement of any kind nor a warranty of the
performance of any of the listed products andor
companies
Sockets
1 3M Textool Test and Interconnection Products
Department
PO Box 2963
Austin TX
78769-2963
2 Augat Inc
Interconnection Products Group
33 Perry Avenue
PO Box 779
Attleboro MA
02703
(508) 222-2202
3 Concept Manufacturing Inc
(Decoupling Sockets)
43024 Christy Street
Fremont CA
94538
(415) 651-3804
Heat SinksFins
1 Thermalloy Inc
2021 West Valley View Lane
Dallas TX
75381-0839
(214) 243-4321
2 E G
G Division
60 Audubon Road
Wakefield MA
01880
(617) 245-5900
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com