Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSS124P-3R9M Datasheet(PDF) 1 Page - Frontier Electronics.

Part # CSS124P-3R9M
Description  SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

CSS124P-3R9M Datasheet(HTML) 1 Page - Frontier Electronics.

  CSS124P-3R9M Datasheet HTML 1Page - Frontier Electronics. CSS124P-3R9M Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CSS124P Series
SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
Rev. A
A. Electrical Specifications:
P/N
Marking
Inductance
(μH)
Test Freq.
(KHz)
DCR Max.
(m
Ω)
Rated Current
(A)
CSS124P-3R9M
3R9
3.9
100
15
6.50
CSS124P-4R7M
4R7
4.7
100
18
5.70
CSS124P-6R8M
6R8
6.8
100
23
4.90
CSS124P-8R2M
8R2
8.2
100
26
4.60
CSS124P-100M
100
10
100
28
4.50
CSS124P-120M
120
12
100
38
4.00
CSS124P-150M
150
15
100
50
3.20
CSS124P-180M
180
18
100
57
3.10
CSS124P-220M
220
22
100
66
2.90
CSS124P-270M
270
27
100
80
2.80
CSS124P-330M
330
33
100
97
2.70
CSS124P-390M
390
39
100
132
2.10
CSS124P-470M
470
47
100
150
1.90
CSS124P-560M
560
56
100
190
1.80
CSS124P-680M
680
68
100
220
1.50
CSS124P-820M
820
82
100
260
1.30
CSS124P-101M
101
100
100
308
1.20
CSS124P-121M
121
120
100
380
1.10
CSS124P-151M
151
150
100
530
0.95
CSS124P-181M
181
180
100
620
0.85
CSS124P-221M
221
220
100
700
0.80
CSS124P-271M
271
270
100
870
0.60
CSS124P-331M
331
330
100
990
0.50
B. Dimensions: mm (Inch)
Series
a
b
c
d
e
f
g
h
CSS124P
12.0
(0.472)
12.0
(0.472)
4.8
(0.189)
5.0
(0.197)
8.4
(0.331)
5.4
(0.213)
2.8
(0.110)
7.0
(0.276)
Tol.
±0.3
(0.012)
±0.3
(0.012)
Max.
Typ.
Typ.
Typ.
Typ.
Typ.
C. General Information:
1. CSS124P-xxx_, “CSS124P” = P/N, “xxx”= Inductance, “_” = Tolerance.
2. Tolerance “_”: N = ± 30%, M = ± 20%, L= ± 15%.
3. Operating temperature range: -30ºC to +100ºC (Including self-heating).
4. Storage temperature: -40ºC to +85ºC.
5. Inductance measured using the HP4284A and Chroma1320 & 3302.
6. DCR measured using Chroma 16502 milliohm meter.
7. Inductance drop no more than 25% of initial value at rated current, temperature rise
∆t < 40ºC.
8. Inductance and Current range: From 3.9µH (6.50A) to 330.0 µH (0.50A).
9. MSL: Level 1.
D. Applications:
1. Game Consoles
2. Set Top Boxes
3. Cables Modems
4. Computers
5. Mobile Communication Devices (Cell Phones, Radios, etc.)
6. PDA, LCD, DVD, BRP, HD.
Frontier Electronics Corp.
®
Page 1 of 2
667 E. Cochran St., Simi Valley, CA 93065
http://www.frontierusa.com
Phone: 1-805-522-9998, Fax: 1-805-522-9989


Similar Part No. - CSS124P-3R9M

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
CSS124P-3R9M FRONTIER-CSS124P-3R9M Datasheet
236Kb / 2P
SMD WIRE WOUND POWER INDUCTORS
More results

Similar Description - CSS124P-3R9M

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
CSMS0612D FRONTIER-CSMS0612D Datasheet
183Kb / 2P
SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSS0211P FRONTIER-CSS0211P_15 Datasheet
174Kb / 2P
SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSS0214P FRONTIER-CSS0214P_15 Datasheet
178Kb / 2P
SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSS0218P FRONTIER-CSS0218P_15 Datasheet
173Kb / 2P
SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSS0628P FRONTIER-CSS0628P_15 Datasheet
190Kb / 2P
SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSS105D FRONTIER-CSS105D_15 Datasheet
194Kb / 2P
SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSS0518P-4R1L FRONTIER-CSS0518P-4R1L Datasheet
225Kb / 2P
SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSS0528P-2R5L FRONTIER-CSS0528P-2R5L Datasheet
188Kb / 2P
SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSS1050G-R80L FRONTIER-CSS1050G-R80L Datasheet
282Kb / 2P
SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSS1050P-100L FRONTIER-CSS1050P-100L Datasheet
281Kb / 2P
SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com