Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSS125P Datasheet(PDF) 1 Page - Frontier Electronics.

Part # CSS125P
Description  SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

CSS125P Datasheet(HTML) 1 Page - Frontier Electronics.

  CSS125P Datasheet HTML 1Page - Frontier Electronics. CSS125P Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CSS125P Series
SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
Rev. A
A. Electrical Specifications:
P/N
Marking
Inductance
(μH)
Test Freq.
(KHz)
DCR Max.
(Ω)
Rated Current
(A)
CSS125P-1R3N
1R3
1.3±30%
100
0.012
8.00
CSS125P-2R1N
2R1
2.1±30%
100
0.014
7.00
CSS125P-3R1N
3R1
3.1±30%
100
0.017
6.00
CSS125P-4R4N
4R4
4.4±30%
100
0.020
5.00
CSS125P-5R8N
5R8
5.8±30%
100
0.021
4.40
CSS125P-7R5N
7R5
7.5±30%
100
0.024
4.20
CSS125P-100M
100
10 ± 20%
1
0.025
4.00
CSS125P-120M
120
12 ± 20%
1
0.027
3.50
CSS125P-150M
150
15 ± 20%
1
0.030
3.30
CSS125P-180M
180
18 ± 20%
1
0.034
3.00
CSS125P-220M
220
22 ± 20%
1
0.036
2.80
CSS125P-270M
270
27 ± 20%
1
0.051
2.30
CSS125P-330M
330
33 ± 20%
1
0.057
2.10
CSS125P-390M
390
39 ± 20%
1
0.068
2.00
CSS125P-470M
470
47 ± 20%
1
0.075
1.80
CSS125P-560M
560
56 ± 20%
1
0.110
1.70
CSS125P-680M
680
68 ± 20%
1
0.120
1.50
CSS125P-820M
820
82 ± 20%
1
0.140
1.40
CSS125P-101M
101
100 ± 20%
1
0.160
1.30
CSS125P-121M
121
120 ± 20%
1
0.170
1.10
CSS125P-151M
151
150 ± 20%
1
0.230
1.00
CSS125P-181M
181
180 ± 20%
1
0.290
0.90
CSS125P-221M
221
220 ± 20%
1
0.400
0.80
CSS125P-271M
271
270 ± 20%
1
0.460
0.75
CSS125P-331M
331
330 ± 20%
1
0.510
0.68
CSS125P-391M
391
390 ± 20%
1
0.690
0.65
CSS125P-471M
471
470 ± 20%
1
0.770
0.58
CSS125P-561M
561
560 ± 20%
1
0.860
0.54
CSS125P-681M
681
680 ± 20%
1
1.200
0.48
CSS125P-821M
821
820 ± 20%
1
1.340
0.43
CSS125P-102M
102
1000 ± 20%
1
1.530
0.40
B. Dimensions: mm (Inch)
Series
a
b
c
d
e
f
g
h
CSS125P
12.0
(0.472)
12.0
(0.472)
6.0
(0.236)
5.0
(0.197)
8.4
(0.331)
5.4
(0.213)
2.8
(0.110)
7.0
(0.276)
Tol.
±0.3
(0.012)
±0.3
(0.012)
Max.
Typ.
Typ.
Typ.
Typ.
Typ.
C. General Information:
1. CSS125P-xxx_, “CSS125P” = P/N, “xxx”= Inductance, “_” = Tolerance.
2. Tolerance “_”: N = ± 30%, M = ± 20%, L= ± 15%.
3. Operating temperature range: -30ºC to +100ºC (Including self-heating).
4. Storage temperature: -40ºC to +85ºC.
5. Inductance measured using the HP4284A and Chroma1320 & 3302.
6. DCR measured using Chroma 16502 milliohm meter.
7. Inductance drop no more than 25% of initial value at rated current, temperature rise
∆t < 40ºC.
8. Inductance and Current range:
From 1.3µH (8.00A) to 1000.0 µH (0.40A).
9. MSL: Level 1.
Frontier Electronics Corp.
®
Page 1 of 2
667 E. Cochran St., Simi Valley, CA 93065
http://www.frontierusa.com
Phone: 1-805-522-9998, Fax: 1-805-522-9989


Similar Part No. - CSS125P

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
CSS125P FRONTIER-CSS125P Datasheet
121Kb / 5P
Tape and Reel Specifications
CSS125P-100M FRONTIER-CSS125P-100M Datasheet
238Kb / 2P
SMD WIRE WOUND POWER INDUCTORS
CSS125P-100M FRONTIER-CSS125P-100M Datasheet
238Kb / 2P
SMD WIRE WOUND POWER INDUCTORS
CSS125P-101M FRONTIER-CSS125P-101M Datasheet
238Kb / 2P
SMD WIRE WOUND POWER INDUCTORS
CSS125P-101M FRONTIER-CSS125P-101M Datasheet
238Kb / 2P
SMD WIRE WOUND POWER INDUCTORS
More results

Similar Description - CSS125P

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
CSMS0612D FRONTIER-CSMS0612D Datasheet
183Kb / 2P
SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSS0211P FRONTIER-CSS0211P_15 Datasheet
174Kb / 2P
SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSS0214P FRONTIER-CSS0214P_15 Datasheet
178Kb / 2P
SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSS0218P FRONTIER-CSS0218P_15 Datasheet
173Kb / 2P
SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSS0628P FRONTIER-CSS0628P_15 Datasheet
190Kb / 2P
SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSS105D FRONTIER-CSS105D_15 Datasheet
194Kb / 2P
SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSS124P FRONTIER-CSS124P_15 Datasheet
236Kb / 2P
SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSS0518P-4R1L FRONTIER-CSS0518P-4R1L Datasheet
225Kb / 2P
SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSS0528P-2R5L FRONTIER-CSS0528P-2R5L Datasheet
188Kb / 2P
SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSS1050G-R80L FRONTIER-CSS1050G-R80L Datasheet
282Kb / 2P
SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com